Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760L Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760L
Description  Check for Samples: TAS5760L
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760L Datasheet(HTML) 5 Page - Texas Instruments

  TAS5760L Datasheet HTML 1Page - Texas Instruments TAS5760L Datasheet HTML 2Page - Texas Instruments TAS5760L Datasheet HTML 3Page - Texas Instruments TAS5760L Datasheet HTML 4Page - Texas Instruments TAS5760L Datasheet HTML 5Page - Texas Instruments TAS5760L Datasheet HTML 6Page - Texas Instruments TAS5760L Datasheet HTML 7Page - Texas Instruments TAS5760L Datasheet HTML 8Page - Texas Instruments TAS5760L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
ANA_REG
SFT_CLIP
AVDD
VCOM
ANA_REF
SPK_FAULT
FREQ/SDA
SPK_SD
PBTL/SCL
DVDD
GVDD_REG
GGND
BSTRPA+
SPK_OUTA+
PVDD
PGND
SPK_OUTA-
BSTRPA-
BSTRPB-
SPK_OUTB-
SPK_GAIN0
SPK_GAIN1
SPK_SLEEP/ADR
SCLK
PGND
PVDD
SPK_OUTB+
DGND
BSTRPB+
LRCK
MCLK
SDIN
PowerPAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
TAS5760L
www.ti.com
SLOS782 – JULY 2013
TSSOP PACKAGE
DAP-32
(TOP VIEW)
Pin Descriptions
TAS5760L
Internal
No.
Type(1)
Description
Termination
Name
AVDD
1
P
-
Power supply for internal analog circuitry
Connection point for internal reference used by ANA_REG and VCOM filter
ANA_REF
5
P
-
capacitors
Voltage regulator derived from AVDD supply (NOTE: This terminal is provided as a
ANA_REG
3
P
-
connection point for filtering capacitors for this supply and must not be used to
power any external circuitry)
Connection point for the SPK_OUTA- bootstrap capacitor, which is used to create a
BSTRPA-
25
P
-
power supply for the high-side gate drive for SPK_OUTA-
Connection point for the SPK_OUTA+ bootstrap capacitor, which is used to create a
BSTRPA+
30
P
-
power supply for the high-side gate drive for SPK_OUTA
Connection point for the SPK_OUTB- bootstrap capacitor, which is used to create a
BSTRPB-
24
P
-
power supply for the high-side gate drive for SPK_OUTB-
Connection point for the SPK_OUTB+ bootstrap capacitor, which is used to create a
BSTRPB+
19
P
-
power supply for the high-side gate drive for SPK_OUTB+
Ground for digital circuitry (NOTE: This terminal should be connected to the system
DGND
18
G
-
ground)
DVDD
10
P
-
Power supply for the internal digital circuitry
Weak Pull-
Dual function terminal that functions as an I²C data input terminal in I²C Control
FREQ/SDA
8
DI
Down
Mode or as a Frequency Select terminal when in Hardware Control Mode.
Ground for gate drive circuitry (this terminal should be connected to the system
GGND
31
G
-
ground)
Voltage regulator derived from PVDD supply (NOTE: This terminal is provided as a
GVDD_REG
32
P
-
connection point for filtering capacitors for this supply and must not be used to
power any external circuitry)
Weak Pull-
Word select clock for the digital signal that is active on the serial port's input data
LRCK
17
DI
Down
line
Weak Pull-
Master Clock used for internal clock tree, sub-circuit/state machine, and Serial Audio
MCLK
14
DI
Down
Port clocking
Dual function terminal that functions as an I²C clock input terminal in I²C Control
Weak Pull-
PBTL/SCL
9
DI
Mode or configures the device to operate in pre-filter Parallel Bridge Tied Load
Down
(PBTL) mode when in Hardware Control Mode
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, P = Power, G = Ground (0V)
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: TAS5760L


Similar Part No. - TAS5760L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
2K - Samples FFT-Processor
logo
Texas Instruments
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
Check for Samples: SN65HVD101, SN65HVD102
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
Check for Samples: TAS5760MD
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
Check for Samples: TCA8424
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
Check for Samples: TLV320AIC3263
TLV713P TI-TLV713P Datasheet
1Mb / 26P
Check for Samples: TLV713, TLV713P
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com