Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANS2N5153L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANS2N5153L
Description  PNP POWER SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS2N5153L Datasheet(HTML) 3 Page - Microsemi Corporation

  JANS2N5153L Datasheet HTML 1Page - Microsemi Corporation JANS2N5153L Datasheet HTML 2Page - Microsemi Corporation JANS2N5153L Datasheet HTML 3Page - Microsemi Corporation JANS2N5153L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/545
T4-LDS-0132 Rev. 1 (091476)
Page 3 of 4
SWITCHING CHARACTERISTICS (cont.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Storage Time
ts
1.4
μs
Fall Time
IC = 5Adc, IB1 = 500mAdc
IB2 = -500mAdc
RL = 6Ω
VBE(OFF) = 3.7Vdc
tf
0.5
μs
SAFE OPERATING AREA
DC Tests
TC = +25°C, 1 Cycle, tP = 1.0s
Test 1
VCE = 5.0Vdc, IC = 2.0Adc
Test 2
VCE = 32Vdc, IC = 310mAdc
Test 3
VCE = 80Vdc, IC = 14.5mAdc
FIGURE 1 (TO-5, TO-39)
PACKAGE DIMENSIONS
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
Notes
CD
.305
.335
7.75
8.51
6
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TP
5.08 TP
7
LD
.016
.021
0.41
0.53
8, 9
LL
See notes 8, 9, 12, 13
LU
.016
.019
0.41
0.48
8, 9
L1
.050
1.27
8, 9
L2
.250
6.35
8, 9
Q
.050
1.27
6
TL
.029
.045
0.74
1.14
4, 5
TW
.028
.034
0.71
0.86
3
r
.010
0.25
11
α
45° TP
45° TP
7
P
.100
2.54


Similar Part No. - JANS2N5153L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5664 MICROSEMI-JANS2N5664 Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5665 MICROSEMI-JANS2N5665 Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5666 MICROSEMI-JANS2N5666 Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5666S MICROSEMI-JANS2N5666S Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - JANS2N5153L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com