Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM800C43A-N Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # VM800C43A-N
Description  Embedded Video Engine Credit Card Board
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C43A-N Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button VM800C43A-N Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
Signal
Pin No
(3.5”)
Pin No
(4.3/5.0”)
Description
G6
26
19
Bit 6 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G7
27
20
Bit 7 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
B2
30
23
Bit 2 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B3
31
24
Bit 3 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B4
32
25
Bit 4 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B5
33
26
Bit 5 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B6
34
27
Bit 6 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
B7
35
28
Bit 7 of Blue RGB signals, push-
pull output, 4/8mA sink/source
current.
XP
48
37
X +ve touch
YM
49
38
Y –ve touch
XM
50
39
X –ve touch
YP
51
40
Y +ve touch
3V3
9,10,11,41,42
4
3V3 Power
GND
12,13,20,21,28,2953,54
3,5,6,13,14,21,22,29,36
Ground
NC
5,6,7,39,40,43,44,45,46,47
35
No connect
Table 3-4 – J1 Pinout
J2 - Selection between lineout or loop back into the power amplifier.
Selection between audio lineout or loop back into the power amplifier. (Footprint only, JP2 next to J2
is connected by default for on board amplifier and on board mini speaker). If J2 is soldered and used
for audio output selection, JP2 needs to be removed.
Pin No.
Name
1 -2
Audio amp enabled
2-3
Audio amp mute, Audio lineout on pin 1
Table 3-5 – J2 Pin Options
J3 – SP+
Audio speaker +ve from the onboard amplifier.


Similar Part No. - VM800C43A-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM810C ETC2-VM810C Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
VM810C50A-D ETC2-VM810C50A-D Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
VM810C50A-N ETC2-VM810C50A-N Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
VM816C50A-D BRIDGETEK-VM816C50A-D Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VM800C43A-N

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
Bridgetek Pte Ltd.
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
   Embedded Video Engine Plus module
Version 1.2
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
   Advanced Embedded Video Engine Datasheet
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com