Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 7Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 8Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 9Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 10Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 11Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 12Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 13Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 14Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Rev. 1.7 / Apr. 2012
11
H5PS1G83JFR Series
3.2 DC & AC Logic Input Levels
3.2.1 Input DC Logic Level
3.2.2 Input AC Logic Level
3.2.3 AC Input Test Conditions
Note:
1. Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device
under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising
edges and the range from VREF to VIL(ac) max for falling edges as shown in the figure below.
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(dc)
dc input logic HIGH
VREF + 0.125
VDDQ + 0.3
V
VIL(dc)
dc input logic LOW
- 0.3
VREF - 0.125
V
Symbol
Parameter
DDR2 400,533
DDR2 667,800
Units
Notes
Min.
Max.
Min.
Max.
VIH (ac)
ac input logic HIGH VREF + 0.250 VDDQ+Vpeak VREF + 0.200 VDDQ+Vpeak
V
VIL (ac)
ac input logic LOW
VSSQ-Vpeak VREF - 0.250 VSSQ-Vpeak VREF - 0.200
V
Symbol
Parameter
DDR2 1066
Units
Notes
Min.
Max.
VIH (ac)
ac input logic HIGH
VREF + 0.200
VDDQ+Vpeak
V
VIL (ac)
ac input logic LOW
VSSQ-Vpeak
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VREF
VSWING(MAX)
delta TR
delta TF
VIH(dc) min
VIL(dc) max
VIL(ac) max
VSS
Rising Slew =
delta TR
VIH(ac) min - VREF
VREF - VIL(ac) max
delta TF
Falling Slew =


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com