Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 16Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 17Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 18Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 19Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 20Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 21Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 22Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 23Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Rev. 1.7 / Apr. 2012
20
H5PS1G83JFR Series
4. Electrical Characteristics & AC Timing Specification
(TOPER; VDDQ = 1.8 +/- 0.1V; VDD = 1.8 +/- 0.1V)
Refresh Parameters by Device Density
Note:
1: If refresh timing is violated, data corruption may occur and the data must be re-written with valid data before a valid READ can be
executed.
2. This is an optional feature. For detailed information, please refer to “operating temperature condition” in this data sheet.
DDR2 SDRAM speed bins and tRCD, tRP and tRC for corresponding bin
Note:
1. 8 bank device Precharge All Allowance: tRP for a Precharge All command for an 8 Bank device will equal to tRP+1*tCK, where tRP
are the values for a single bank Precharge, which are shown in the table above.
2. Refer to Specific Notes 32.
3. Refer to Specific Notes 3.
Parameter
Symbol
256Mb 512Mb 1Gb
2Gb
4Gb Units Notes
Refresh to Active/Refresh
command time
tRFC
75
105
127.5
195
327.5
ns
1
Average periodic
refresh interval
tREFI
-40 ℃≤ TCASE ≤ 85
7.8
7.8
7.8
7.8
7.8
us
1
85℃< TCASE ≤ 95
3.9
3.9
3.9
3.9
3.9
us
1,2
Speed
DDR2-800
DDR2-667
DDR2-533
DDR2-400
Units Notes
Parameter
min
min
min
min
min
min
Bin(CL-tRCD-tRP)
5-5-5
6-6-6
4-4-4
5-5-5
4-4-4
3-3-3
CAS Latency
564
543
tCK
tRCD
12.5
15
12
15
15
15
ns
2
tRP*1
12.5
15
12
15
15
15
ns
2
tRAS
45
45
45
45
45
40
ns
2,3
tRC
57.5
60
57
60
60
55
ns
2


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com