Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 23Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 24Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 25Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 26Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 27Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 28Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 29Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 30Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Rev. 1.7 / Apr. 2012
27
H5PS1G83JFR Series
voltage range specified.
Specific Notes for dedicated AC parameters
1. User can choose which active power down exit timing to use via MRS(bit 12). tXARD is expected to be
used for fast active power down exit timing. tXARDS is expected to be used for slow active power down exit
timing where a lower power value is defined by each vendor data sheet.
2. AL = Additive Latency
3. This is a minimum requirement. Minimum read to precharge timing is AL + BL/2 providing the tRTP and
tRAS(min) have been satisfied.
4. A minimum of two clocks (2 * tCK or 2 * nCK) is required irrespective of operating frequency
5. Timings are specified with command/address input slew rate of 1.0 V/ns. See System Derating for other
slew rate values.
6. Timings are guaranteed with DQs, DM, and DQS’s(DQS/RDQS in singled ended mode) input slew rate of
1.0 V/ns. See System Derating for other slew rate values.
7. Timings are specified with CK/CK differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS signals
with a differential slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1V/ns in single ended
mode. See System Derating for other slew rate values.
8. tDS and tDH derating
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
2 .0
1 25
4 5
1 2 5
45
+ 12 5
+ 4 5
-
---
---
--
-
-
-
1 .58 3
2 18 321
+ 8 3
+ 2 1
953 3
-
-
-
-
-
-
-
-
-
-
1.0
0
0
0
0
0
0
12
12
24
24
-
-
-
-
-
-
-
-
0.9
-
-
- 11
-1 4
-11
- 14
1
-2
13
10
25
2 2
-
-
-
-
-
-
0.8
-
-
-
-
-25
- 31
-1 3
-1 9
- 1
-7
1 1
5
23
1 7
-
-
-
-
0 .7
-
--
--
-
-3 1
-4 2
- 19
-1 9
- 7
-8
5
- 6
17
6
-
-
0.6
-
-
-
-
-
-
-
-
- 43
-5 9
-31
- 47
-19
-3 5
-7
-23
5
-11
0.5
-
-
-
-
-
-
-
-
-
-
-7 4
- 89
-6 2
-77
- 50
-65
- 3 8
-53
0 .4
-
-
-
-
---
---
--
-1 2 7
-1 40
- 11 5
-1 2 8
-1 03
- 11 6
0.8 V/n s
DQ
Sl e w
rat e
V/n s
D Q S , D Q S D iffer en ti al Sle w R a te
tD S , tD H De r at ing V alu e s fo r DD R 2 -4 00 , DD R2 -5 33 (A LL u n it s in 'p s' , Note 1 ap p lie s to e n ti r e T a ble)
1.6 V /n s
1. 4 V/n s
1. 2 V/n s
1.0 V/ n s
4.0 V/ n s
3.0 V/n s
2.0 V/n s
1.8 V /n s
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
2.0
1 00
45
100
45
100
45
-
-
-
-
-
-
-
-
-
-
-
-
1 .5
6 7216 7216 7
2 17 9
3 3
-
-
-
-
-
-
-
-
-
-
1 .0
0
0
0
0
0
0
1 2
1 2
2 4
2 4
-
--
--
--
-
0.9
-
-
- 5
-14
- 5
-1 4
7
-2
19
10
31
22
-
-
-
-
-
-
0.8
-
-
-
-
- 13
-3 1
- 1
-19
11
-7
23
5
35
1 7
-
-
-
-
0 .7
-
-
-
-
-
-
- 10
-4 22-3 0
14
-1 8
26- 638
6
-
-
0 .6
-
--
-
-
--
-
- 10
-5 9
2
-4 7
14
-3 5
26
- 23
3 8
- 11
0 .5
-
--
-
-
--
-
-
-
- 24
-8 9
-1 2
-7 7
0
- 65
1 2
- 53
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-52
-1 40
-4 0
-128
-28
- 1 16
1.8 V/n s
0.8 V/n s
DQ
Slew
rat e
V/n s
DQS , D Q S D iff eren t ial Slew R a t e
tD S, t D H D e ra tin g Valu es fo r D D R 2 -667, D D R 2 -800( A L L u n it s in ' p s', N o t e 1 ap p lies to en t ire T a b le)
1.6 V/n s
1.4 V/n s
1 .2 V/n s
1.0 V/n s
4.0 V/n s
3.0 V/n s
2.0 V/n s


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com