Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G83JFR Datasheet(PDF) 56 Page - Hynix Semiconductor

Part # H5PS1G83JFR
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G83JFR Datasheet(HTML) 56 Page - Hynix Semiconductor

Back Button H5PS1G83JFR Datasheet HTML 52Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 53Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 54Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 55Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 56Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 57Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 58Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 59Page - Hynix Semiconductor H5PS1G83JFR Datasheet HTML 60Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Rev. 1.7 / Apr. 2012
56
Release
H5PS1G83JFR Series
10. The maximum limit for this parameter is not a device limit. The device will operate with a greater value
for this parameter, but system performance (bus turnaround) will degrade accordingly.
11. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output
drivers as well as output slew rate mismatch between DQS / DQS and associated DQ in any given cycle.
12. The clock frequency is allowed to change during self–refresh mode or precharge power-down mode. In case of
clock frequency change during precharge power-down, a specific procedure is required as described in section Input
clock frequency change during precharge power down.
13. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn
on time max is when the ODT resistance is fully on. Both are measured from tAOND, which is interpreted as 2 clock
cycles after the clock edge that registered a first ODT HIGH counting the actual input clock edges.
14. ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is when the bus
is in high impedance. Both are measured from tAOFD, which is interpreted as 0.5 x tCK(avg) [ns] after the second
trailing clock edge counting from the clock edge that registered a first ODT LOW and by counting the actual input clock
edges. For DDR2-1066, this is 0.9375 [ns] (= 0.5 x 1.875 [ns]) after the second trailing clock edge counting from the
clock edge that registered a first ODT LOW and by counting the actual input clock edges.
15. tHZ and tLZ transitions occur in the same access time as valid data transitions. Thesed parameters are
referenced to a specific voltage level which specifies when the device output is no longer driving(tHZ), or
begins driving (tLZ). Below figure shows a method to calculate the point when device is no longer driving
(tHZ), or begins driving (tLZ) by measuring the signal at two different voltages. The actual voltage mea-
surement points are not critical as long as the calculation is consistenet.
16. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when
the device output is no longer driving (tRPST), or begins driving (tRPRE). Below figure shows a method to
calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE). Below Fig-
ure shows a method to calculate these points when the device is no longer driving (tRPST), or begins driv-
ing (tRPRE) by measuring the signal at two different voltages. The actual voltage measurement points are
not critical as long as the calculation is consistent.
tHZ , tRPST end point = 2*T1-T2
tLZ , tRPRE begin point = 2*T1-T2
VOH + xmV
VOH + 2xmV
VOL + 1xmV
VOL + 2xmV
tHZ
tRPST end point
VTT + 2xmV
VTT + xmV
VTT -xmV
VTT - 2xmV
tLZ
tRPRE begin point
T1
T1
T2
T2


Similar Part No. - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83EFR HYNIX-H5PS1G83EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83EFR-C4I HYNIX-H5PS1G83EFR-C4I Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-G7Q HYNIX-H5PS1G83EFR-G7Q Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-S5P HYNIX-H5PS1G83EFR-S5P Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G83JFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com