Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS5182GFRS6C Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # H5PS5182GFRS6C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5182GFRS6C Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button H5PS5182GFRS6C Datasheet HTML 43Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 44Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 45Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 46Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 47Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 48Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 49Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 50Page - Hynix Semiconductor H5PS5182GFRS6C Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Rev.1.7 / Feb. 2013
47
H5PS5162GFR series
Timing Parameters by Speed Grade
(Refer to notes for information related to this table at the following pages of this table)
Parameter
Symbol
DDR2-1066
Unit
Note
min
max
DQ output access time from CK/CK
tAC
-350
+350
ps
35
DQS output access time from CK/CK
tDQSCK
-325
+325
ps
35
CK high-level width
tCH
0.48
0.52
tCK
30, 31
CK low-level width
tCL
0.48
0.52
tCK
30, 31
CK half period
tHP
min
(tCL,tCH)
-
ps
32
Clock cycle time, CL=x
tCK
1875
7500
ps
30, 31
DQ and DM input setup time
(differential strobe)
tDS
(base)
0
-
ps
6,7,8,
17, 23,
26
DQ and DM input hold time
(differential strobe)
tDH
(base)
75
-
ps
6,7,8,
16, 23,
26
Control & Address input pulse width for each input
tIPW
0.6
-
tCK(avg)
DQ and DM input pulse width for each input
tDIPW
0.35
-
tCK(avg)
Data-out high-impedance time from CK/CK
tHZ
-
tAC max
ps
15, 35
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC min
tAC max
ps
15, 35
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC min
tAC max
ps
15, 35
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
-
175
ps
11
DQ hold skew factor
tQHS
-
250
ps
33
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
ps
34
First DQS latching transition to associated clock edge
tDQSS
-0.25
+ 0.25
tCK(avg)
25
DQS input high pulse width
tDQSH
0.35
-
tCK(avg)
DQS input low pulse width
tDQSL
0.35
-
tCK(avg)
DQS falling edge to CK setup time
tDSS
0.2
-
tCK(avg)
25
DQS falling edge hold time from CK
tDSH
0.2
-
tCK(avg)
25
Mode register set command cycle time
tMRD
2
-
tCK
Write postamble
tWPST
0.4
0.6
tCK(avg)
10
Write preamble
tWPRE
0.35
-
tCK(avg)
Address and control input setup time
tIS(base)
125
-
ps
5,7,9,
19, 24
Address and control input hold time
tIH(base)
200
-
ps
5,7,9,
20, 24


Similar Part No. - H5PS5182GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5182GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com