Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 6Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 7Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 8Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 9Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 10Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 11Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 12Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 13Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Rev. 1.7 / Nov. 2011
10
Release
H5PS1G63JFR Series
3. AC & DC Operating Conditions
3.1 DC Operating Conditions
3.1.1 Recommended DC Operating Conditions (SSTL_1.8)
Note:
1. Min. Typ. and Max. values increase by 100mV for C3(DDR2-533 3-3-3) speed option.
2. VDDQ tracks with VDD,VDDL tracks with VDD. AC parameters are measured with VDD,VDDQ and VDD.
3. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the
value of VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track varia-
tions in VDDQ
4. Peak to peak ac noise on VREF may not exceed +/-2% VREF (dc).
5. VTT of transmitting device must track VREF of receiving device.
3.1.2 ODT DC electrical characteristics
Note:
1. Test condition for Rtt measurements
Measurement Definition for Rtt(eff): Apply VIH (ac) and VIL (ac) to test pin separately, then measure current I(VIH (ac))
and I(VIL(ac)) respectively. VIH (ac), VIL (ac), and VDDQ values defined in SSTL_18
Measurement Definition for VM: Measurement Voltage at test pin (mid point) with no load.
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
1
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
1,2
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
1,2
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
V
3,4
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
5
PARAMETER/CONDITION
SYMBOL
MIN NOM MAX UNITS NOTES
Rtt effective impedance value for EMR(A6,A2)=0,1; 75 ohm
Rtt1(eff)
60
75
90
ohm
1
Rtt effective impedance value for EMR(A6,A2)=1,0; 150 ohm
Rtt2(eff)
120
150
180
ohm
1
Rtt effective impedance value for EMR(A6,A2)=1,1; 50 ohm
Rtt3(eff)
40
50
60
ohm
1
Deviation of VM with respect to VDDQ/2
delta VM
-6
+6
%
1
Rtt(eff) =
VIH (ac) - VIL (ac)
I(VIH (ac)) - I(VIL (ac))
delta VM =(
2 x Vm
VDDQ
x 100%
- 1)


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com