Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 9Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 10Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 11Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 12Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 13Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 14Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 15Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 16Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Rev. 1.7 / Nov. 2011
13
Release
H5PS1G63JFR Series
3.3 Output Buffer Characteristics
3.3.1 Output AC Test Conditions
Note:
1. The VDDQ of the device under test is referenced.
3.3.2 Output DC Current Drive
Note:
1. VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT - VDDQ)/IOH must be less than 21 ohm for values of VOUT between VDDQ
and VDDQ - 280 mV.
2. VDDQ = 1.7 V; VOUT = 280 mV. VOUT/IOL must be less than 21 ohm for values of VOUT between 0 V and 280 mV.
3. The dc value of VREF applied to the receiving device is set to VTT
4.
The values of IOH(dc) and IOL(dc) are based on the conditions given in Notes 1 and 2. They are used to test
device drive current capability to ensure VIH min plus a noise margin and VIL max minus a noise margin are
delivered to an SSTL_18 receiver. The actual current values are derived by shifting the desired driver operating
point (see Section 3.3) along a 21 ohm load line to define a convenient driver current for measurement.
Symbol
Parameter
SSTL_18 Class II
Units
Notes
VOTR
Output Timing Measurement Reference Level
0.5 * VDDQ
V1
Symbol
Parameter
SSTl_18
Units
Notes
IOH(dc)
Output Minimum Source DC Current
- 13.4
mA
1, 3, 4
IOL(dc)
Output Minimum Sink DC Current
13.4
mA
2, 3, 4


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com