Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 12Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 13Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 14Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 15Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 16Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 17Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 18Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 19Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Rev. 1.7 / Nov 2011
16
Release
H5PS1G63JFR Series
IDD Test Conditions
(IDD values are for full operating range of Voltage and Temperature, Notes 1-5)
Symbol
Conditions
Units
IDD0
Operating one bank active-precharge current; tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRAS
min(IDD); CKE is HIGH, CS is HIGH between valid commands;Address bus inputs are SWITCH-
ING;Data bus inputs are SWITCHING
mA
IDD1
Operating one bank active-read-precharge current; IOUT = 0mA;BL = 4, CL = CL(IDD), AL
= 0; tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin(IDD), tRCD = tRCD(IDD); CKE is HIGH, CS
is HIGH between valid commands; Address bus inputs are SWITCHING; Data pattern is same as
IDD4W
mA
IDD2P
Precharge power-down current; All banks idle; tCK = tCK(IDD); CKE is LOW; Other control and
address bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2Q
Precharge quiet standby current;All banks idle; tCK = tCK(IDD);CKE is HIGH, CS is HIGH;
Other control and address bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2N
Precharge standby current; All banks idle; tCK = tCK(IDD); CKE is HIGH, CS is HIGH; Other
control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD3P
Active power-down current; All banks open; tCK = tCK(IDD);
CKE is LOW; Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Fast PDN Exit MR(12) = 0
mA
Slow PDN Exit MR(12) = 1
mA
IDD3N
Active standby current; All banks open; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP
=tRP(IDD); CKE is HIGH, CS is HIGH between valid commands; Other control and address bus
inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD4W
Operating burst write current; All banks open, Continuous burst writes; BL = 4, CL = CL(IDD),
AL = 0; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between
valid commands; Address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD4R
Operating burst read current; All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL
= CL(IDD), AL = 0; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is
HIGH between valid commands; Address bus inputs are SWITCHING; Data pattern is same as
IDD4W
mA
IDD5B
Burst refresh current; tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval; CKE is
HIGH, CS is HIGH between valid commands; Other control and address bus inputs are SWITCH-
ING; Data bus inputs are SWITCHING
mA
IDD6
Self refresh current; CK and CK at 0V; CKE
 0.2V; Other control and address bus inputs are
FLOATING; Data bus inputs are FLOATING
mA
IDD7
Operating bank interleave read current; All bank interleaving reads, IOUT = 0mA; BL = 4, CL
= CL(IDD), AL = tRCD(IDD)-1*tCK(IDD); tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD),
tRCD = 1*tCK(IDD); CKE is HIGH, CS is HIGH between valid commands; Address bus inputs are
STABLE during DESELECTs; Data pattern is same as IDD4R; - Refer to the following page for
detailed timing conditions
mA


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com