Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 17Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 18Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 19Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 20Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 21Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 22Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 23Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 24Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Rev. 1.7 / Nov. 2011
21
Release
H5PS1G63JFR Series
Timing Parameters by Speed Grade (DDR2-400 and DDR2-533)
Parameter
Symbol
DDR2-400
DDR2-533
Unit
Note
min
max
min
max
DQ output access time from CK/CK
tAC
-600
+600
-500
+500
ps
DQS output access time from CK/CK
tDQSCK
-500
+500
-450
+450
ps
CK HIGH pulse width
tCH
0.45
0.55
0.45
0.55
tCK
CK LOW pulse width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min(tCL,
tCH)
-
min(tCL,
tCH)
-
ps
11,12
Clock cycle time, CL=x
tCK
5000
8000
3750
8000
ps
15
DQ and DM input setup time(differential strobe)
tDS(base)
150
-
100
-
ps
6,7,8,20
,28
DQ and DM input hold time(differential strobe)
tDH(base)
275
-
225
-
ps
6,7,8,21
,28
DQ and DM input setup time(single ended strobe)
tDS(base)
25
--25
-
ps
6,7,8,25
DQ and DM input hold time(single ended strobe)
tDH(base)
25
--25
-
ps
6,7,8,26
Control & Address input pulse width for each
input
tIPW
0.6
-
0.6
-
tCK
DQ and DM input pulse width for each input
tDIPW
0.35
-
0.35
-
tCK
Data-out high-impedance time from CK/CK
tHZ
-
tAC max
-
tAC max
ps
18
DQS low-impedance time from CK/CK
tLZ
(DQS)
tAC min
tAC max
tAC min
tAC max
ps
18
DQ low-impedance time from CK/CK
tLZ
(DQ)
2*tAC min
tAC max
2*tAC min
tAC max
ps
18
DQS-DQ skew for DQS and associated DQ
signals
tDQSQ
-
350
-
300
ps
13
DQ hold skew factor
tQHS
-
450
-
400
ps
12
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
Write command to first DQS latching transition
tDQSS
WL - 0.25
WL + 0.25
WL - 0.25
WL + 0.25
tCK
DQS input HIGH pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input LOW pulse width
tDQSL
0.35
-
0.35
-
tCK
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK
Mode register set command cycle time
tMRD
2
-
2
-
tCK
Write preamble
tWPRE
0.35
-
0.35
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
10
Address and control input setup time
tIS
350
-
250
-
ps
5,7,9,23
Address and control input hold time
tIH
475
-
375
-
ps
5,7,9,23
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
19
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
19
Active to active command period for 1KB
page size products (x4, x8)
tRRD
7.5
-7.5
-
ns
4
Active to active command period for 2KB
page size products (x16)
tRRD
10
-10
-
ns
4


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com