Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 19Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 20Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 21Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 22Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 23Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 24Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 25Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 26Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Rev. 1.7 / Nov. 2011
23
Release
H5PS1G63JFR Series
(DDR2-667 and DDR2-800)
Parameter
Symbol
DDR2-667
DDR2-800
Unit
Note
min
max
min
max
DQ output access time from CK/CK
tAC
-450
+450
-400
+400
ps
40
DQS output access time from CK/CK
tDQSCK
-400
+400
-350
+350
ps
40
CK HIGH pulse width
tCH(avg)
0.48
0.52
0.48
0.52
tCK(avg)
35,36
CK LOW pulse width
tCL(avg)
0.48
0.52
0.48
0.52
tCK(avg)
35,36
CK half period
tHP
min(tCL(abs),
tCH(abs))
-
min(tCL(abs),
tCH(abs))
-
ps
37
Clock cycle time, CL=x
tCK(avg)
3000
8000
2500
8000
ps
35,36
DQ and DM input setup time
tDS(base)
100
-
50
-
ps
6,7,8,20,28,31
DQ and DM input hold time
tDH(base)
175
-
125
-
ps
6,7,8,21,28,31
Control & Address input pulse width for each input
tIPW
0.6
-
0.6
-
tCK(avg)
DQ and DM input pulse width for each input
tDIPW
0.35
-
0.35
-
tCK(avg)
Data-out high-impedance time from CK/CK
tHZ
-
tAC max
-
tAC max
ps
18,40
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC min
tAC max
tAC min
tAC max
ps
18,40
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC min
tAC max
2*tAC min
tAC max
ps
18,40
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
-
240
-200
ps
13
DQ hold skew factor
tQHS
-
340
-300
ps
38
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
39
First DQS latching transition to associated clock
edge
tDQSS
- 0.25
+ 0.25
- 0.25
+ 0.25
tCK(avg)
30
DQS input HIGH pulse width
tDQSH
0.35
-
0.35
-
tCK(avg)
DQS input LOW pulse width
tDQSL
0.35
-
0.35
-
tCK(avg)
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK(avg)
30
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK(avg)
30
Mode register set command cycle time
tMRD
2
-
2
-
tCK(avg)
Write preamble
tWPRE
0.35
-
0.35
-
tCK(avg)
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK(avg)
10
Address and control input setup time
tIS(base)
200
-175
-
ps
5,7,9,22,29
Address and control input hold time
tIH(base)
275
-250
-
ps
5,7,9,23,29
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK(avg)
19,41
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK(avg)
19,42
Activate to precharge command
tRAS
45
70000
45
70000
ns
3
Active to active command period for 1KB page size
products (x4, x8)
tRRD
7.5
-7.5
-
ns
4,32
Active to active command period for 2KB page size
products (x16)
tRRD
10
-10
-
ns
4,32
Four Active Window for 1KB page size products
tFAW
37.5
-
35
-
ns
32
Four Active Window for 2KB page size products
tFAW
50
-
45
-
ns
32
CAS to CAS command delay
tCCD
2
2
nCK
Write recovery time
tWR
15
-15
-
ns
32
Auto precharge write recovery + precharge time
tDAL
WR+tnRP
-
WR+tnRP
-
nCK
33


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com