Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 31Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 32Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 33Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 34Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 35Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 36Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 37Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 38Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Rev. 1.7 / Nov 2011
35
Release
H5PS1G63JFR Series
1) For all input signals the total tIS(setup time) and tIH(hold) time) required is calculated by adding the data-
sheet value to the derating value listed in above Table.
Setup(tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VREF(dc) and the first crossing of VIH(ac)min. Setup(tIS) nominal slew rate for a falling signal is defined as
the slew rate between the last crossing of VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is
always earlier than the nominal slew rate for line between shaded ‘VREF(dc) to ac region’, use nominal slew
rate for derating value(see fig a.) If the actual signal is later than the nominal slew rate line anywhere
between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the actual signal from the ac level
to dc level is used for derating value(see Fig b.)
Hold(tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VIL(dc)max and the first crossing of VREF(dc). Hold(tIH) nominal slew rate for a falling signal is defined as the
slew rate between the last crossing of VREF(dc). If the actual signal is always later than the nominal slew rate
line between shaded ‘dc to VREF(dc) region’, use nominal slew rate for derating value(see Fig.c) If the actual
signal is earlier than the nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew
rate of a tangent line to the actual signal from the dc level to VREF(dc) level is used for derating value(see Fig
d.)
Although for slow rates the total setup time might be negative(i.e. a valid input signal will not have reached
VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transi-
tion and reach VIH/IL(ac).
For slew rates in between the values listed in table, the derating values may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com