Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 34Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 35Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 36Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 37Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 38Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 39Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 40Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 41Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Rev. 1.7 / Nov 2011
38
Release
H5PS1G63JFR Series
22. Input waveform timing is referenced from the input signal crossing at the VIH(ac) level for a rising sig-
nal and VIL(ac) for a falling signal applied to the device under test.
23. Input waveform timing is referenced from the input signal crossing at the VIL(dc) level for a rising sig-
nal and VIH(dc) for a falling signal applied to the device under test.
24. tWTR is at least two clocks (2 x tCK or 2 x nCK) independent of operation frequency.
25. Input waveform timing with single-ended data strobe enabled MR[bit10] = 1, is referenced from the
input signal crossing at the VIH (ac) level to the single-ended data strobe crossing VIH/L (dc) at the start
of its transition for a rising signal, and from the input signal crossing at the VIL (ac) level to the single-
ended data strobe crossing VIH/L (dc) at the start of its transition for a falling signal applied to the device
under test. The DQS signal must be monotonic between Vil(dc)max and Vih (dc) min.
26. Input waveform timing with single-ended data strobe enabled MR[bit10] = 1, is referenced from the
input signal crossing at the VIH(dc) level to the single-ended data strobe crossing VIH/L(ac) at the end of
its transition for a rising signal, and from the input signal crossing at the VIL(dc) level to the single-ended
data strobe crossing VIH/L(ac) at the end of its transition for a falling signal applied to the device under
test. The DQS signal must be monotonic between Vil(dc)max and Vih (dc) min.
27. tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE
must remain at the valid input level the entire time it takes to achieve the 3 clocks of registration. Thus,
after any CKE transition, CKE may not transition from its valid level during the time period of tIS + 2 x tCK
+ tIH.
28. If tDS or tDH is violated, data corruption may occur and the data must be re-written with valid data
before a valid READ can be executed.
29. These parameters are measured from a command/address signal (CKE, CS, RAS, CAS, WE, ODT, BA0,
A0, A1, etc.) transition edge to its respective clock signal (CK/CK) crossing. The spec values are not
affected by the amount of clock jitter applied (i.e. tJIT (per), tJIT (cc), etc.), as the setup and hold are rel-
ative to the clock signal crossing that latches the command/address. That is, these parameters should be
met whether clock jitter is present or not.
30. These parameters are measured from a data strobe signal ((L/U/R)DQS/DQS) crossing to its respective
clock signal (CK/CK) crossing. The spec values are not affected by the amount of clock jitter applied (i.e.
tJIT (per), tJIT (cc), etc.), as these are relative to the clock signal crossing. That is, these parameters
should be met whether clock jitter is present or not.
31. These parameters are measured from a data signal ((L/U) DM, (L/U) DQ0, (L/U) DQ1, etc.) transition
edge to its respective data strobe signal ((L/U/R)DQS/DQS) crossing.


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com