Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 35Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 36Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 37Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 38Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 39Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 40Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 41Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 42Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Rev. 1.7 / Nov 2011
39
Release
H5PS1G63JFR Series
32. For these parameters, the DDR2 SDRAM device is characterized and verified to support
tnPARAM = RU {tPARAM / tCK (avg)}, which is in clock cycles, assuming all input clock jitter specifications
are satisfied.
For example, the device will support tnRP = RU {tRP / tCK (avg)}, which is in clock cycles, if all input clock
jitter specifications are met. This means: For DDR2-667 5-5-5, of which tRP = 15ns, the device will support
tnRP =RU {tRP / tCK (avg)} = 5, i.e. as long as the input clock jitter specifications are met, Precharge
command at Tm and Active command at Tm+5 is valid even if (Tm+5 - Tm) is less than 15ns due to input
clock jitter.
33. tDAL [nCK] = WR [nCK] + tnRP [nCK] = WR + RU {tRP [ps] / tCK (avg) [ps]}, where WR is the value
programmed in the mode register set.
34. New units, ‘tCK (avg)’ and ‘nCK’, are introduced in DDR2-667 and DDR2-800.
Unit ‘tCK (avg)’ represents the actual tCK (avg) of the input clock under operation.
Unit ‘nCK’, represents one clock cycle of the input clock, counting the actual clock edges.
Note that in DDR2-400 and DDR2-533, ‘tCK’, is used for both concepts.
ex) tXP = 2 [nCK] means; if Power Down exit is registered at Tm, an Active command may be registered
at Tm+2, even if (Tm+2 - Tm) is 2 x tCK (avg) + tERR(2per),min.
35. Input clock jitter spec parameter. These parameters and the ones in the table below are referred to as
'input clock jitter spec parameters' and these parameters apply to DDR2-667 and DDR2-800 only. The jitter
specified is a random jitter meeting a Gaussian distribution.
Parameter
Symbol
DDR2-667
DDR2-800
Units
Notes
min
max
min
max
Clock period jitter
tJIT (per)
-125
125
-100
100
ps
35
Clock period jitter during DLL locking period
tJIT (per, lck)
-100
100
-80
80
ps
35
Cycle to cycle clock period jitter
tJIT (cc)
-250
250
-200
200
ps
35
Cycle to cycle clock period jitter during DLL
locking period
tJIT (cc, lck)
-200
200
-160
160
ps
35
Cumulative error across 2 cycles
tERR(2per)
-175
175
-150
150
ps
35
Cumulative error across 3 cycles
tERR(3per)
-225
225
-175
175
ps
35
Cumulative error across 4 cycles
tERR(4per)
-250
250
-200
200
ps
35
Cumulative error across 5 cycles
tERR(5per)
-250
250
-200
200
ps
35
Cumulative error across n cycles,
n=6...10, inclusive
tERR(6~10per)
-350
350
-300
300
ps
35
Cumulative error across n cycles,
n=11...50, inclusive
tERR(11~50per)
-450
450
-450
450
ps
35
Duty cycle jitter
tJIT (duty)
-125
125
-100
100
ps
35


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com