Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 43Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 44Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 45Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 46Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 47Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 48Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 49Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 50Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Rev. 1.7 / Nov 2011
47
Release
H5PS1G63JFR Series
-Continue-
(Refer to notes for information related to this table at the following pages of this table)
Parameter
Symbol
DDR2-1066
Unit
Note
min
max
Read preamble
tRPRE
0.9
1.1
tCK(avg)
16, 36
Read postamble
tRPST
0.4
0.6
tCK(avg)
16, 37
Active to active command period for 2KB page size
products
tRRD
10
-
ns
4, 27
Four Active Window for 2KB page size products
tFAW
45
-
ns
27
CAS to CAS command delay
tCCD
2
tCK
Write recovery time
tWR
15
-
ns
27
Auto precharge write recovery + precharge time
tDAL
WR+tRP
-
tCK
28
Internal write to read command delay
tWTR
7.5
-
ns
21, 27
Internal read to precharge command delay
tRTP
7.5
ns
3, 27
Exit self refresh to a non-read command
tXSNR
tRFC + 10
ns
27
Exit self refresh to a read command
tXSRD
200
-
tCK
Exit precharge power down to any non-read command tXP
3
-
tCK
Exit active power down to read command
tXARD
3
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
10 - AL
tCK
1, 2
CKE minimum pulse width
(high and low pulse width)
tCKE
3
tCK
22
ODT turn-on delay
tAOND
22
tCK
13
ODT turn-on
tAON
tAC(min)
tAC(max)
+2.575
ns
6, 13, 35
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+2
3tCK+
tAC(max)+1
ns
ODT turn-off delay
tAOFD
2.5
2.5
tCK
14, 39
ODT turn-off
tAOF
tAC(min)
tAC(max)+
0.6
ns
14, 38,
39
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+2
2.5tCK
avg+
tAC(max)+1
ns
ODT to power down entry latency
tANPD
4
tCK
ODT power down exit latency
tAXPD
11
tCK
OCD drive mode output delay
tOIT
0
12
ns
27
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS+tCK(avg)
+tIH
ns
12


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
1Gb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com