Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS1G63JFRS6C Datasheet(PDF) 58 Page - Hynix Semiconductor

Part # H5PS1G63JFRS6C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRS6C Datasheet(HTML) 58 Page - Hynix Semiconductor

Back Button H5PS1G63JFRS6C Datasheet HTML 54Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 55Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 56Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 57Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 58Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 59Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 60Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 61Page - Hynix Semiconductor H5PS1G63JFRS6C Datasheet HTML 62Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
Rev. 1.7 / Nov 2011
58
Release
H5PS1G63JFR Series
24. These parameters are measured from a command/address signal (CKE, CS, RAS, CAS, WE, ODT, BA0, A0, A1,
etc.) transition edge to its respective clock signal (CK/CK) crossing. The spec values are not affected by the amount of
clock jitter applied (i.e. tJIT(per), tJIT(cc), etc.), as the setup and hold are relative to the clock signal crossing that
latches the command/address. That is, these parameters should be met whether clock jitter is present or not.
25. These parameters are measured from a data strobe signal ((L/U/R)DQS/DQS) crossing to its respective clock
signal (CK/CK) crossing. The spec values are not affected by the amount of clock jitter applied (i.e. tJIT(per), tJIT(cc),
etc.), as these are relative to the clock signal crossing. That is, these parameters should be met whether clock jitter is
present or not.
26.
These parameters are measured from a data signal ((L/U) DM, (L/U) DQ0, (L/U) DQ1, etc.) transition
edge to its respective data strobe signal ((L/U/R)DQS/DQS) crossing.
27. For these parameters, the DDR2 SDRAM device is characterized and verified to support
tnPARAM = RU{tPARAM / tCK(avg)}, which is in clock cycles, assuming all input clock jitter specifications
are satisfied.
For example, the device will support tnRP = RU {tRP / tCK(avg)}, which is in clock cycles, if all input clock
jitterspecifications are met. This means: For DDR2-1066 7-7-7, of which tRP = 13.125ns, the device will
support tnRP =RU{tRP / tCK(avg)} = 7, i.e. as long as the input clock jitter specifications are met, Pre-
charge command at Tm and Active command at Tm+7 is valid even if (Tm+7 - Tm) is less than 13.127ns
due to input clock jitter.
28. Specific Note 28 tDAL
nCK = WR nCK + tnRP nCK = WR + RUtRP ps / tCK(avg) ps, where WR is the
value programmed in the mode register set and RU stands for round up.
Example: For DDR2-1066 7-7-7 at tCK(avg) = 1.875 ns with WR programmed to 8 nCK,
tDAL = 8 + RU
13.125 ns / 1.875 ns nCK = 8 + 7 nCK = 15 nCK
29.New units, ‘tCK(avg)’ and ‘nCK’, are introduced in DDR2-1066.
Unit ‘tCK(avg)’ represents the actual tCK(avg) of the input clock under operation.
Unit ‘nCK’ represents one clock cycle of the input clock, counting the actual clock edges.
ex) tXP = 3 [nCK] means; if Power Down exit is registered at Tm, an Active command may be registered at Tm+3,
even if (Tm+3 - Tm) is 3 x tCK(avg) + tERR(3per),min.
30.
Input clock jitter spec parameter. These parameters and the ones in the table below are referred to as
'input clock jitter spec parameters' and these parameters apply to DDR2-1066. The jitter specified is a ran-
dom jitter meeting a Gaussian distribution.


Similar Part No. - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com