Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS5162GFRS6C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H5PS5162GFRS6C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162GFRS6C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H5PS5162GFRS6C Datasheet HTML 6Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 7Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 8Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 9Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 10Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 11Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 12Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 13Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Rev.1.7 / Feb. 2013
10
H5PS5162GFR series
PIN
TYPE
DESCRIPTION
UDQS, UDQS
LDQS, LDQS
Input/
Output
Data Strobe : Output with read data, input with write data. Edge aligned with read data,
centered in write data. For the x16, LDQS correspond to the data on DQ0~DQ7; UDQS
corresponds to the data on DQ8~DQ15. The data strobes DQS, LDQS and UDQS may be
used in single ended mode or paired with optional complementary signals DQS, LDQS
and UDQS to provide differential pair signaling to the system during both reads and
wirtes. An EMRS(1) control bit enables or disables all complementary data strobe sig-
nals.
In this data sheet, "differential DQS signals" refers to any of the following with A10 = 0
of EMRS(1)
x16 LDQS/LDQS and UDQS/UDQS
"single-ended DQS signals" refers to any of the following with A10 = 1
of EMRS(1)
x16 LDQS and UDQS
NC
No Connect : No internal electrical connection is present.
VDDQ
Supply DQ Power Supply: 1.8V +/- 0.1V
VSSQ
Supply DQ Ground
VDDL
Supply DLL Power Supply : 1.8V +/- 0.1V
VSSDL
Supply DLL Ground
VDD
Supply Power Supply : 1.8V +/- 0.1V
VSS
Supply Ground
VREF
Supply Reference voltage for inputs for SSTL interface.
-Continue-


Similar Part No. - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com