Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS5162GFRS6C Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # H5PS5162GFRS6C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162GFRS6C Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button H5PS5162GFRS6C Datasheet HTML 20Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 21Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 22Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 23Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 24Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 25Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 26Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 27Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Rev.1.7 / Feb. 2013
24
H5PS5162GFR series
Parameter
Symbol
DDR2-667
DDR2-800
Unit Note
min
max
min
max
Clock cycle time, CL=x
tCK(avg)
3000
8000
2500
8000
ps
35,36
CK high-level width
tCH(avg)
0.48
0.52
0.48
0.52
tCK
(avg)
35,36
CK low-level width
tCL(avg)
0.48
0.52
0.48
0.52
tCK
(avg)
35,36
Write command to DQS associated clock edge WL
RL - 1
RL - 1
nCK
First DQS latching transition to associated
clock edge
tDQSS
- 0.25
+ 0.25
- 0.25
+ 0.25
tCK
30
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK
30
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK
30
DQS input high pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input low pulse width
tDQSL
0.35
-
0.35
-
tCK
Write preamble
tWPRE
0.35
-
0.35
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
10
Address and control input setup time
tIS(base)
200
-
175
-
ps
5,7,9,22
,29
Address and control input hold time
tIH(base)
275
-
250
-
ps
5,7,9,23
.29
Control & Address input pulse width for each
input
tIPW
0.6
-
0.6
-
tCK
(avg)
DQ and DM input setup time
tDS
(base)
100
-
50
-
ps
6,7,8,20
,28,31
DQ and DM input hold time
tDH
(base)
175
-
125
-
ps
6,7,8,21
,28.31
DQ and DM input pulse width for each input
tDIPW
0.35
-
0.35
-
tCK
DQ output access time from CK/CK
tAC
-450
+450
-400
+400
ps
40
DQS output access time from CK/CK
tDQSCK
-400
+400
-350
+350
ps
40
Data-out high-impedance time from CK/CK
tHZ
-
tAC,max
-
tAC,max
ps
18,40
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC,min
tAC,max
tAC,min
tAC,max
ps
18,40
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC
min
tAC max
2*tAC
min
tAC max
ps
18,40
DQS-DQ skew for DQS and associated DQ
signals
tDQSQ
-
240
-200
ps
13
CK half period
tHP
Min
(tCH(abs),
tCL(abs))
-
Min
(tCH(abs),
tCL(abs))
-
ps
37
DQ hold skew factor
tQHS
-
340
-300
ps
38
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
39
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
19,41
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
19,42
Active to active command period for 1KB page
size products
tRRD
7.5
-7.5
-
ns
4,32
Active to active command period for 2KB page
size products
tRRD
10
-10
-
ns
4,32


Similar Part No. - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com