Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS5162GFRS6C Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # H5PS5162GFRS6C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162GFRS6C Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button H5PS5162GFRS6C Datasheet HTML 24Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 25Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 26Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 27Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 28Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 29Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 30Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 31Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Rev.1.7 / Feb. 2013
28
H5PS5162GFR series
Specific Notes for dedicated AC parameters
1. User can choose which active power down exit timing to use via MRS(bit 12). tXARD is expected to be
used for fast active power down exit timing. tXARDS is expected to be used for slow active power down exit
timing where a lower power value is defined by each vendor data sheet.
2. AL = Additive Latency
3. This is a minimum requirement. Minimum read to precharge timing is AL + BL/2 providing the tRTP and
tRAS(min) have been satisfied.
4. A minimum of two clocks (2 * tCK or 2 * nCK) is required irrespective of operating frequency
5. Timings are specified with command/address input slew rate of 1.0 V/ns. See System Derating for other
slew rate values.
6. Timings are guaranteed with DQs, DM, and DQS’s(DQS/RDQS in singled ended mode) input slew rate of
1.0 V/ns. See System Derating for other slew rate values.
7. Timings are specified with CK/CK differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS signals
with a differential slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1V/ns in single ended
mode. See System Derating for other slew rate values.
8. tDS and tDH derating
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
2 .0
1 25
4 5
1 2 5
45
+ 12 5
+ 4 5
-
---
---
--
-
-
-
1 .58 3
2 18 321
+ 8 3
+ 2 1
953 3
-
-
-
-
-
-
-
-
-
-
1.0
0
0
0
0
0
0
12
12
24
24
-
-
-
-
-
-
-
-
0.9
-
-
- 11
-1 4
-11
- 14
1
-2
13
10
25
2 2
-
-
-
-
-
-
0.8
-
-
-
-
-25
- 31
-1 3
-1 9
- 1
-7
1 1
5
23
1 7
-
-
-
-
0 .7
-
--
--
-
-3 1
-4 2
- 19
-1 9
- 7
-8
5
- 6
17
6
-
-
0.6
-
-
-
-
-
-
-
-
- 43
-5 9
-31
- 47
-19
-3 5
-7
-23
5
-11
0.5
-
-
-
-
-
-
-
-
-
-
-7 4
- 89
-6 2
-77
- 50
-65
- 3 8
-53
0 .4
-
-
-
-
---
---
--
-1 2 7
-1 40
- 11 5
-1 2 8
-1 03
- 11 6
0.8 V/n s
DQ
Sl e w
rat e
V/n s
D Q S , D Q S D iffer en ti al Sle w R a te
tD S , tD H De r at ing V alu e s fo r DD R 2 -4 00 , DD R2 -5 33 (A LL u n it s in 'p s' , Note 1 ap p lie s to e n ti r e T a ble)
1.6 V /n s
1. 4 V/n s
1. 2 V/n s
1.0 V/ n s
4.0 V/ n s
3.0 V/n s
2.0 V/n s
1.8 V /n s
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
tD S
tD H
2.0
1 00
45
100
45
100
45
-
-
-
-
-
-
-
-
-
-
-
-
1 .5
6 7216 7216 7
2 17 9
3 3
-
-
-
-
-
-
-
-
-
-
1 .0
0
0
0
0
0
0
1 2
1 2
2 4
2 4
-
--
--
--
-
0.9
-
-
- 5
-14
- 5
-1 4
7
-2
19
10
31
22
-
-
-
-
-
-
0.8
-
-
-
-
- 13
-3 1
- 1
-19
11
-7
23
5
35
1 7
-
-
-
-
0 .7
-
-
-
-
-
-
- 10
-4 22-3 0
14
-1 8
26- 638
6
-
-
0 .6
-
--
-
-
--
-
- 10
-5 9
2
-4 7
14
-3 5
26
- 23
3 8
- 11
0 .5
-
--
-
-
--
-
-
-
- 24
-8 9
-1 2
-7 7
0
- 65
1 2
- 53
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-52
-1 40
-4 0
-128
-28
- 1 16
1.8 V/n s
0.8 V/n s
DQ
Slew
rat e
V/n s
DQS , D Q S D iff eren t ial Slew R a t e
tD S, t D H D e ra tin g Valu es fo r D D R 2 -667, D D R 2 -800( A L L u n it s in ' p s', N o t e 1 ap p lies to en t ire T a b le)
1.6 V/n s
1.4 V/n s
1 .2 V/n s
1.0 V/n s
4.0 V/n s
3.0 V/n s
2.0 V/n s


Similar Part No. - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com