Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS5162GFRS6C Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # H5PS5162GFRS6C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162GFRS6C Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button H5PS5162GFRS6C Datasheet HTML 34Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 35Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 36Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 37Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 38Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 39Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 40Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 41Page - Hynix Semiconductor H5PS5162GFRS6C Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Rev.1.7 / Feb. 2013
38
H5PS5162GFR series
19. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when
the device output is no longer driving (tRPST), or begins driving (tRPRE). Below figure shows a method to
calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE). Below Fig-
ure shows a method to calculate these points when the device is no longer driving (tRPST), or begins driv-
ing (tRPRE) by measuring the signal at two different voltages. The actual voltage measurement points are
not critical as long as the calculation is consistent.
20. Input waveform timing with differential data strobe enabled MR[bit10] =0, is referenced from the input
signal crossing at the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and from
the input signal crossing at the VIL(ac) level to the differential data strobe crosspoint for a falling signal
applied to the device under test.
21. Input waveform timing with differential data strobe enabled MR[bit10]=0, is referenced from the input
signal crossing at the VIH(dc) level to the differential data strobe crosspoint for a rising signal and VIL(dc)
to the differential data strobe crosspoint for a falling signal applied to the device under test.
tHZ , tRPST end point = 2*T1-T2
tLZ , tRPRE begin point = 2*T1-T2
VOH + xmV
VOH + 2xmV
VOL + 1xmV
VOL + 2xmV
tHZ
tRPST end point
VTT + 2xmV
VTT + xmV
VTT -xmV
VTT - 2xmV
tLZ
tRPRE begin point
T1
T1
T2
T2
DQS
VDDQ
VIH(ac)min
VIH(dc)min
tDH
tDS
DQS
VREF(dc)
VSS
VIL(dc)max
VIL(ac)max
tDH
tDS
Differential Input waveform timing


Similar Part No. - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162GFRS6C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com