Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0001 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRFIC0001
Description  QUADRATURE MODULATOR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0001 Datasheet(HTML) 4 Page - Motorola, Inc

  MRFIC0001 Datasheet HTML 1Page - Motorola, Inc MRFIC0001 Datasheet HTML 2Page - Motorola, Inc MRFIC0001 Datasheet HTML 3Page - Motorola, Inc MRFIC0001 Datasheet HTML 4Page - Motorola, Inc MRFIC0001 Datasheet HTML 5Page - Motorola, Inc MRFIC0001 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRFIC0001
4
MOTOROLA RF DEVICE DATA
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
DUT
L1
L2
L3
L4
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
L5
TX EN
OUT
OUT
I
I
Q
Q
LO
VCNTL
VCC
VBIAS
Figure 1. Typical Biasing Configuration
R1, R2 – 1000
Ω, Chip Resistor
R3, R4, R12, R13 – 510
Ω, Chip Resistor
R5, R6, R10, R11 – 2200
Ω, Chip Resistor
R7, R8, – 5100
Ω, Chip Resistor
R9 – 56
Ω, Chip Resistor
C1, C5, C9, C12 – 10000 pF, Chip Capacitor
C2, C6, C11 – 100 pF, Chip Capacitor
C3, C4 – 3.6 pF, Chip Capacitor
C7, C8, C10, C13, C15, C16 – 1 uF, Chip Capacitor
C14 – 10 pF, Chip Capacitor
L1, L4, L5 – 1.2
µH, Chip Inductor
L2, L3 – 68 nH, Chip Inductor


Similar Part No. - MRFIC0001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC0001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com