| Electronic Components Datasheet Search |
|
DSPIC33FJ32GP202TH/MM Datasheet(PDF) 388 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/MM Datasheet(HTML) 388 Page - Microchip Technology |
|
388 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 388 Preliminary 2009 Microchip Technology Inc. Revision C (May 2009) This revision includes minor typographical and formatting changes throughout the data sheet text. Global changes include: • Changed all instances of OSCI to OSC1 and OSCO to OSC2 • Changed all instances of VDDCORE and VDDCORE/ VCAP to VCAP/VDDCORE The other changes are referenced by their respective section in the following table. TABLE A-2: MAJOR SECTION UPDATES Section Name Update Description High-Performance, 16-Bit Digital Signal Controllers Updated all pin diagrams to denote the pin voltage tolerance (see “Pin Diagrams”). Added Note 2 to the 28-Pin QFN-S and 44-Pin QFN pin diagrams, which references pin connections to VSS. Section 1.0 “Device Overview” Updated AVDD in the PINOUT I/O Descriptions (see Table 1-1). Added Peripheral Pin Select (PPS) capability column to Pinout I/O Descriptions (see Table 1-1). Section 2.0 “Guidelines for Getting Started with 16-Bit Digital Signal Controllers” Added new section to the data sheet that provides guidelines on getting started with 16-bit Digital Signal Controllers. Section 3.0 “CPU” Updated CPU Core Block Diagram with a connection from the DSP Engine to the Y Data Bus (see Figure 3-1). Vertically extended the X and Y Data Bus lines in the DSP Engine Block Diagram (see Figure 3-3). Section 4.0 “Memory Organization” Updated Reset value for CORCON in the CPU Core Register Map (see Table 4-1). Updated the Reset values for IPC14 and IPC15 and removed the FLTA1IE bit (IEC3) from the Interrupt Controller Register Map (see Table 4-4). Updated bit locations for RPINR25 in the Peripheral Pin Select Input Register Map (see Table 4-21). Updated the Reset value for CLKDIV in the System Control Register Map (see Table 4-33). Section 5.0 “Flash Program Memory” Updated Section 5.3 “Programming Operations” with programming time formula. Section 9.0 “Oscillator Configuration” Updated the Oscillator System Diagram and added Note 2 (see Figure 9-1). Added Note 1 and Note 2 to the OSCON register (see Register 9-1). Updated default bit values for DOZE<2:0> and FRCDIV<2:0> in the Clock Divisor (CLKDIV) Register (see Register 9-2). Added a paragraph regarding FRC accuracy at the end of Section 9.1.1 “System Clock Sources”. Added Note 3 to Section 9.2.2 “Oscillator Switching Sequence”. Added Note 1 to the FRC Oscillator Tuning (OSCTUN) Register (see Register 9-4). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |