Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NE555
Description  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE555 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NE555 Datasheet HTML 1Page - Fairchild Semiconductor NE555 Datasheet HTML 2Page - Fairchild Semiconductor NE555 Datasheet HTML 3Page - Fairchild Semiconductor NE555 Datasheet HTML 4Page - Fairchild Semiconductor NE555 Datasheet HTML 5Page - Fairchild Semiconductor NE555 Datasheet HTML 6Page - Fairchild Semiconductor NE555 Datasheet HTML 7Page - Fairchild Semiconductor NE555 Datasheet HTML 8Page - Fairchild Semiconductor NE555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM555/NE555/SA555
3
3
3
3
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
(TA = 25
°C, VCC = 5 ~ 15V, unless otherwise specified)
Notes:
Notes:
Notes:
Notes:
1. When the output is high, the supply current is typically 1mA less than at VCC = 5V.
2. Tested at VCC = 5.0V and VCC = 15V.
3. This will determine the maximum value of RA + RB for 15V operation, the max. total R = 20M
Ω, and for 5V operation, the max.
total R = 6.7M
Ω.
4. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Supply Voltage
VCC
-4.5
-
16
V
Supply Current (Low Stable) (Note1)
ICC
VCC = 5V, RL =
-3
6
mA
VCC = 15V, RL =
-7.5
15
mA
Timing Error (Monostable)
Initial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
∆t/∆T
∆t/∆VCC
RA = 1k
Ω to100kΩ
C = 0.1
µF
-1.0
50
0.1
3.0
0.5
%
ppm/
°C
%/V
Timing Error (Astable)
Intial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
∆t/∆T
∆t/∆VCC
RA = 1k
Ω to 100kΩ
C = 0.1
µF
-
2.25
150
0.3
-%
ppm/
°C
%/V
Control Voltage
VC
VCC = 15V
9.0
10.0
11.0
V
VCC = 5V
2.6
3.33
4.0
V
Threshold Voltage
VTH
VCC = 15V
-
10.0
-
V
VCC = 5V
-
3.33
-
V
Threshold Current (Note3)
ITH
-----
0.1
0.25
µA
Trigger Voltage
VTR
VCC = 5V
1.1
1.67
2.2
V
VCC = 15V
4.5
5
5.6
V
Trigger Current
ITR
VTR = 0V
0.01
2.0
µA
Reset Voltage
VRST
----0.4
0.7
1.0
V
Reset Current
IRST
----0.1
0.4
mA
Low Output Voltage
VOL
VCC = 15V
ISINK = 10mA
ISINK = 50mA
-0.06
0.3
0.25
0.75
V
V
VCC = 5V
ISINK = 5mA
-0.05
0.35
V
High Output Voltage
VOH
VCC = 15V
ISOURCE = 200mA
ISOURCE = 100mA
12.75
12.5
13.3
-V
V
VCC = 5V
ISOURCE = 100mA
2.75
3.3
-
V
Rise Time of Output (Note4)
tR
----
-
100
-
ns
Fall Time of Output (Note4)
tF
----
-
100
-
ns
Discharge Leakage Current
ILKG
----
-
20
100
nA


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com