Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1553-22 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # QT1553-22
Description  Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

QT1553-22 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button QT1553-22 Datasheet HTML 2Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 3Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 4Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 5Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 6Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 7Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 8Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 9Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
4
MC118 (1/08)
MIL-STD-1553 TRANSFORMERS
Single Ratio THT QPL Pulse Transformers
Qualified for use in QPL MIL-STD-1553 applications
Single ratio packages (see Schematics)
Designed, built, and tested to MIL-PRF-21038
Levels* C, M, and T
Package C is 4-lead; package D is 6-lead (center tap)
Built in ISO 9001 facility
Applicable specifications
MIL-STD-1553B
MIL-STD-202
MIL-PRF-21038
ISO 9001
*Level C - for high reliability commercial/industrial applications
Level M - for general purpose military applications
Level T - for high reliability critical military applications
Impedance
(see table below)
Droop
≤ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
≥ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
-55°C to 130°C
Weight
≤ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
Line
Level
Military
Pulse
Package
Height
Terminals
Ratio
RDC
Impedance
Designation No.
Part No.
(in. MAX)
(±3%)
(
Ω
Ω MAX)
(
Ω
Ω MIN)
1
C
M21038/27-05C
QC1553-20
1-2 2.2
(4-3)
2
M
M21038/27-05
Q1553-20
C
.250
1-2:4-3
1:1.41
4-3 2.7
3,000
3
T
M21038/27-05T
QT1553-20
4
C
M21038/27-06C
QC1553-21
1-5 2.5
(6-2)
5
M
M21038/27-06
Q1553-21
D
.250
1-5:6.2
1CT:1CT
6-2 2.8
3,000
6
T
M21038/27-06T
QT1553-21
7
C
M21038/27-07C
QC1553-22
1-5 2.2
(6-2)
8
M
M21038/27-07
Q1553-22
D
.250
1-5:6.2
1CT:1.41CT
6-2 2.7
3,000
9
T
M21038/27-07T
QT1553-22
10
C
M21038/27-08C
QC1553-23
1-5 1.5
(6-2)
11
M
M21038/27-08
Q1553-23
D
.250
1-5:6.2
1CT:1.66CT
6-2 2.4
3,000
12
T
M21038/27-08T
QT1553-23
13
C
M21038/27-09C
QC1553-24
1-5 1.3
(6-2)
14
M
M21038/27-09
Q1553-24
D
.250
1-5:6.2
1CT:2CT
6-2 2.6
3,000
15
T
M21038/27-09T
QT1553-24
16
C
M21038/27-28C
QC1553-25*
1-3 0.90
(6-2)
17
M
M21038/27-28
Q1553-25*
D
.250
1-5:6.2
1CT:1.5CT
6-2 2.5
3,000
18
T
M21038/27-28T
QT1553-25*
19
C
M21038/27-29C
QC1553-51*
1-5 0.90
(6-2)
20
M
M21038/27-29
Q1553-51*
D
.250
1-5:6.2
1CT:1.79CT
6-2 2.5
3,000
21
T
M21038/27-29T
QT1553-51*
22
C
M21038/27-30C
QC1553-52*
1-5 1.0
(6-2)
23
M
M21038/27-30
Q1553-52*
D
.250
1-5:6.2
1CT:2.5CT
6-2 2.8
3,000
24
T
M21038/27-30T
QT1553-52*
Characteristics
*NOTE: Designed for transceivers utilizing a single supply voltage (+5V).


Similar Part No. - QT1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
QT1553-22 PULSE-QT1553-22 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - QT1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com