Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE12 Datasheet(PDF) 146 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 146 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 142Page - Tyco Electronics ADE12 Datasheet HTML 143Page - Tyco Electronics ADE12 Datasheet HTML 144Page - Tyco Electronics ADE12 Datasheet HTML 145Page - Tyco Electronics ADE12 Datasheet HTML 146Page - Tyco Electronics ADE12 Datasheet HTML 147Page - Tyco Electronics ADE12 Datasheet HTML 148Page - Tyco Electronics ADE12 Datasheet HTML 149Page - Tyco Electronics ADE12 Datasheet HTML 150Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 326 page
background image
E1
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSM Series - Page E3
4.9mm Series - Page E11
Low Profile Series - Page E12
Sealed Series - Page E27
Side Actuated - Page E29
Tactile Switches
High Life Tactile - Page E12
Multi-Directional Actuation - Page E30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com