Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 193 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 193 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 189Page - Tyco Electronics ADF04T Datasheet HTML 190Page - Tyco Electronics ADF04T Datasheet HTML 191Page - Tyco Electronics ADF04T Datasheet HTML 192Page - Tyco Electronics ADF04T Datasheet HTML 193Page - Tyco Electronics ADF04T Datasheet HTML 194Page - Tyco Electronics ADF04T Datasheet HTML 195Page - Tyco Electronics ADF04T Datasheet HTML 196Page - Tyco Electronics ADF04T Datasheet HTML 197Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 326 page
background image
F18
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
Gemini Series Rocker/Paddle Switches
Rocker/Paddle Switches, AE Series, Process Sealed, Options
ALCO
ALCO
ALCO
01
2 Positions
None indicates no mechanical position
On
None
On
03
3 Positions
Off indicates a mechanical position with no electrical connection.
On
Off
On
05
3 Positions
(On) indicates momentary operation
(On)
Off
(On)
SPDT, connect terminals:
1—2
—
2—3
DPDT, connect terminals:
1—2
—
2—3
4—5
—
5—6
Paddle
J60
.084
(2.13)
.156
(3.96)
.332
(8.43)R
.365
(9.27)
.740
(18.8)
FUNCTIONS
The following functions available in SP or DP.
.531
(13.49)
.664
(16.87)
.365
(9.27)
.299
(7.59)
.310
(7.87)
.362
(9.19)
.460
(11.68)
.450
(11.43)
.280
(7.11)
.306
(7.77)
Rocker
ACTUATORS
J50
J2
Paddle
J1
Rocker
.093
(2.36)
.125
(3.18)
.450
(11.43)
.644
(16.36)
.230
(5.84)R
.432
(10.97)
Mounting Provided with
C or Z Terminal Type.
Mounting Provided with
C or Z Terminal Type.
Mounting Provided with
C or Z Terminal Type.
Mounting Provided with
C or Z Terminal Type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com