Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 202 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 202 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 198Page - Tyco Electronics ADF04T Datasheet HTML 199Page - Tyco Electronics ADF04T Datasheet HTML 200Page - Tyco Electronics ADF04T Datasheet HTML 201Page - Tyco Electronics ADF04T Datasheet HTML 202Page - Tyco Electronics ADF04T Datasheet HTML 203Page - Tyco Electronics ADF04T Datasheet HTML 204Page - Tyco Electronics ADF04T Datasheet HTML 205Page - Tyco Electronics ADF04T Datasheet HTML 206Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 326 page
background image
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
2
2
2
2C
1C
3C
11
4C
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
3
3
3
2
2
2C
1C
3C
1
1
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
2
2
2
2C
1C
3C
11
4C
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
3
3
3
2
2
2C
1C
3C
1
1
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
2
2
2
2C
1C
3C
11
4C
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
3
3
3
2
2
2C
1C
3C
1
1
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
2
2
2
2C
1C
3C
1
1
4C
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
2
3
3
3
2
2
2C
1C
3C
1
1
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
4
1
3
3
2
2C
1C
4
5
2
SHAFT ROTATED TO
FULL CCW STOP
MOUNTING BUSHING
DIAGRAM LOOKING
AT SHAFT END
5
9
6
3
8
2
1
1C
4
10
7
MRC Series
G3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
Rotary Switches, 500m Amp, Adjustable Stop, 36° Throw
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ..............................500 Milliamps @ 125 VAC or
28 VDC resistive
Initial Contact Resistance..............50 Milliohms max.
Contact Timing..............................Non-shorting
Insulation Resistance ....................100 Megohms min.
Dielectric Strength ........................1,000 Volts RMS @ sea level
Rotation Torque ............................14 Inch ounce max.
High Torque Bushing Shoulder ....Nickle plated brass
Plunger/Actuator Travel................36°
Life Expectancy ............................Up to 10,000 Cycles @ full contact
rating
Up to 25,000 Cycles @ 150 mA @
125 VAC or 250 mA @ 28 VDC
NOTICE: Set stop positions by presetting external pin plate provided.
36° ANGLE OF THROW
4 Pole, 2 Positions
3 Pole,
2-3 Positions, Adjustable
2 Pole, 2-5 Positions,
Adjustable
1 Pole,
2-10 Positions, Adjustable
MRC33S
0.61
(15.5)
DIA.
0.13
(3.30)
DIA.
0.75
(19.1)
0.60
(15.2)
0.40
(10.2)
.232
(5.89)
.236
(5.99)
0.21
(5.30)
0.04
(1.02)
TYP.
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
0.26
(6.60)
0.23
(5.84)
0.03 x 0.04Dp
(0.76 x 1.02Dp)
1/4-40 UNS2-A
7
8
9
10 1 2
3
36
°
TYP.
4
5
1
2
3
4
5
1
2
3
4
5
3
1
2
3
1
2
3
1
2
1
2
1
2
1
2
1
2
MRC110S*
MRC25S
MRC33S
MRC42S
36
°
18
°
.254
(6.45)
.250
(6.35)
DIA.
.244
(6.20)
.254
(6.45)
.250
(6.35)
DIA.
.093
(2.36)
DIA.
6
* Two common terminals
are internally shorted.
Use either one.
0.61
(15.5)
DIA.
0.13
(3.30)
DIA.
0.75
(19.1)
0.60
(15.2)
0.40
(10.2)
.232
(5.89)
.236
(5.99)
0.21
(5.30)
0.04
(1.02)
TYP.
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
0.26
(6.60)
0.23
(5.84)
0.03 x 0.04Dp
(0.76 x 1.02Dp)
1/4-40 UNS2-A
7
8
9
10 1 2
3
36
°
TYP.
4
5
1
2
3
4
5
1
2
3
4
5
3
1
2
3
1
2
3
1
2
1
2
1
2
1
2
1
2
MRC110S*
MRC25S
MRC33S
MRC42S
36
°
18
°
.254
(6.45)
.250
(6.35)
DIA.
.244
(6.20)
.254
(6.45)
.250
(6.35)
DIA.
.093
(2.36)
DIA.
6
* Two common terminals
are internally shorted.
Use either one.
Part Number
Tyco Electronics
Alcoswitch
No. Poles
Adjustable Positions
1437629-2
MRC110S
1 Pole
2 to 10 Positions
1437629-4
MRC25S
2 Poles
2 to 5 Positions
1437629-6
MRC33S
3 Poles
2 to 3 Positions
1437629-8
MRC42S
4 Poles
2 Positions (fixed)
0.64
(16.26)
0.56
(14.2)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.33
(8.38)
1/4-40 UNS2-A
0.12
(3.05)
0.26
(6.60)
0.60
(15.2)
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
7
8
9
10 1 2
3
36
°
TYP.
4
5
1
2
3
4
5
1
2
3
4
5
3
1
2
3
1
2
3
1
2
1
2
1
2
1
2
1
2
MRC110*
MRC25
MRC33
MRC42
36
°
18
°
6
* Two common terminals
are internally shorted.
Use either one.
KNOB NOT SOLD
SEPARATELY
0.64
(16.26)
0.56
(14.2)
0.60
(15.2)
0.40
(10.2)
0.21
(5.30)
0.04
(1.02)
TYP.
0.33
(8.38)
1/4-40 UNS2-A
0.12
(3.05)
0.26
(6.60)
0.60
(15.2)
0.12
(3.05)
DIA.
0.37
(9.40)
DIA.
7
8
9
10 1 2
3
36
°
TYP.
4
5
1
2
3
4
5
1
2
3
4
5
3
1
2
3
1
2
3
1
2
1
2
1
2
1
2
1
2
MRC110*
MRC25
MRC33
MRC42
36
°
18
°
6
* Two common terminals
are internally shorted.
Use either one.
KNOB NOT SOLD
SEPARATELY
MRC25
36° ANGLE OF THROW
Part Number
Tyco Electronics
Alcoswitch
No. Poles
Adjustable Positions
1437629-1
MRC110
1 Pole
2 to 10 Positions
1437629-3
MRC25
2 Poles
2 to 5 Positions
1437629-5
MRC33
3 Poles
2 to 3 Positions
1437629-7
MRC42
4 Poles
2 Positions (fixed)
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver
Case Material ..........................Aluminum
Actuator Material ....................Brass
Terminals/Fixed Contacts........Silver plated brass
Terminal Seal ..........................Insert molded, DAP bas
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature ..............-4°F to +212°F (-20°C to +100°C)
Solder Heat Resistance............Manual: 270°C for 3 seconds
Wave: 245°C for 3 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com