Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 215 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 215 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 211Page - Tyco Electronics ADF04T Datasheet HTML 212Page - Tyco Electronics ADF04T Datasheet HTML 213Page - Tyco Electronics ADF04T Datasheet HTML 214Page - Tyco Electronics ADF04T Datasheet HTML 215Page - Tyco Electronics ADF04T Datasheet HTML 216Page - Tyco Electronics ADF04T Datasheet HTML 217Page - Tyco Electronics ADF04T Datasheet HTML 218Page - Tyco Electronics ADF04T Datasheet HTML 219Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 326 page
background image
SKF Series
Medium Security Key Switch
H4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
H
NOTE: All Keylocks are supplied with 2 brass keys on a ring.
SPST
4 Disc Tumblers
MATERIAL SPECIFICATIONS
Contacts ……………………Silver
Cylinder Material …………Zinc alloy
Lock Body …………………Zinc alloy
Key Material ………………Brass
Terminals/Fixed Contacts …Screw type
Beveled Frame Finish ………Brushed chrome
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ……-22°F + 185° F (-30°C to +85°C(
Storage Temperature ………-22°F + 185° F (-30°C to +85°C)
Solder Heat Resistance ……See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating………………1 A @ 120 VAC resistive
Initial Contact Resistance …50 Milliohms max.
Contact Timing ……………Non-shorting
Actuator Travel ……………90°
Key Changes ………………10 Standard
Life Expectancy ……………Up to 10,000 Cycles
.760
(19.3)
.750
(19.1)
DIA.
1.00
(25.4)
90
°
POS.1
1.00
(25.4)
0.86
(21.8)
1.16
(29.5)
.300
(7.62)
3/4-24 UNS-2A
0.54
(13.7)
0.63
(16.0)
0.25
(6.40)
.032
(0.81)
0.63
(16.0)
.640
(16.3)
.630
(16.0)
6-32 SEM
SCREWS
POS.2
PANEL CUT-OUT
Tyco
Alcoswitch
Type
Pos. 1
Pos. 2
Remove Key
Eelctronics
1437597-1
2SKF131AEL01 SPST
Off
On
Position 1
1437597-7
2SKF132AEL01 SPST
Off
On
Position 1 or 2
1-1437597-0
2SKF133AEL01 SPST
On
Off
Position 1
Tyco
Alcoswitch
Type
Pos. 1
Pos. 2
Remove Key
Eelctronics
1-1437597-1
2SKF231AEL01 SPST
Off
(On)
Position 1
3-1437597-4
SK1323AEL01
Spare key for SK Series
(On) indicates momentary position.
SKF131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com