Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 243 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 243 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 239Page - Tyco Electronics ADF04T Datasheet HTML 240Page - Tyco Electronics ADF04T Datasheet HTML 241Page - Tyco Electronics ADF04T Datasheet HTML 242Page - Tyco Electronics ADF04T Datasheet HTML 243Page - Tyco Electronics ADF04T Datasheet HTML 244Page - Tyco Electronics ADF04T Datasheet HTML 245Page - Tyco Electronics ADF04T Datasheet HTML 246Page - Tyco Electronics ADF04T Datasheet HTML 247Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 326 page
background image
J6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
SH6 Series
Pushwheel Switches, Subminiature, Panel Mount, Dual Button
SH6 SERIES
.039-.067
(1.0 -1.70)
.039
(1.0)
.
.551
(14.0)
n
n x .236
(n x 6.0)
.551
(14.0)
n x .236
(n x 6.0)
FRONT MOUNTING
(See note below)
n = Number of switches
REAR MOUNTING
REAR MOUNTING
Note: Remove locating lugs from side of last switch to enable mounting from the front panel.
Note: Use Card Edge Connector B5LS or B5L with AK type.
.059
(1.50)
.059
(1.5)
.110
(2.8)
.787
(20.0)
.677
(17.2)
.031
(.787)
4 EQ. SP.
@ .100
(2.54)
n x .236
(n x 6.0)
.551
(14.0)
.591
(15.0)
.236
(5.99)
.240
(6.1)
.551
(14.0)
-AK-
A
4 eq. sp.
@ .100 (2.54)
.020
(.508)
131
1 2 4 8 C
137
2 8 C 1 4
MATERIAL SPECIFICATIONS
Moving Contacts................................Gold-clad Ni over copper alloy
Fixed Contacts ..................................AU over Ni
PC Board............................................FR4 Glass Epoxy
Molded Parts ......................................Noryl-SE1, black matte finish
Window..............................................Thermoplastic resin
TYPICAL PERFORMANCE CHARACTERISTICS
Contact Rating ..................................0.4 VA @ 20 VDC (max.)
Contact Circuit Resistance ................0.12 ohm max.
SH6 Series pushwheel switches are the smallest panel mounted
dual pushbutton code switches available. They have a snap-action
detent with an audible click. The dual-purpose finger terminals
may be used for direct mounting on printed circuit boards, or wire
may be soldered directly to the gold-plated conductors. The SH6 is
designed for several means of panel mounting: groups of any
number of switches may be snapped into panel holes of proper size
and retained by the integral clips (front mounting), or groups may
be held in place in a panel hole by being supported from rear when
the switches are PC mounted. These reliable switches are made to
the same exacting requirements as the SMCD, PICOD and DPS
Series.
PERFORMANCE CHARACTERISTICS
Operating Force ................................Approx. 11 oz.
PC Terminal Spacing ........................0.100"
Character Height/Color......................0.118" White
Life Expectancy ................................More than 105 operations
Operating Temperature ....................-20°C to +80°C
SH6131AK
See Code Tables on Page J3
SH6 - 131 - AK
Codes
Connections
131 = BCD
AK = pcb short
137 = BCD Complement
AL = pcb long
LS = solder pin
-LS-
.236–0.02
(6.0–0.5)
.024
(0.60)
.020
(0.50)
-AL-
.535
(13.6)
.551
(14.0)
4 x
.100
(2.54)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com