Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO241PDB6V0 Datasheet(PDF) 167 Page - Microsemi Corporation

Part # IO241PDB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO241PDB6V0 Datasheet(HTML) 167 Page - Microsemi Corporation

Back Button IO241PDB6V0 Datasheet HTML 163Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 164Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 165Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 166Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 167Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 168Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 169Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 170Page - Microsemi Corporation IO241PDB6V0 Datasheet HTML 171Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
3-3
GL
Globals
GL I/Os have access to certain clock conditioning circuitry (and the PLL) and/or have direct access to the
global network (spines). Additionally, the global I/Os can be used as regular I/Os, since they have
identical capabilities. Unused GL pins are configured as inputs with pull-up resistors.
See more detailed descriptions of global I/O connectivity in the "Clock Conditioning Circuits in Low Power
Flash Devices and Mixed Signal FPGAs " chapter of the Military ProASIC3/EL FPGA Fabric User’s
Guide. All inputs labeled GC/GF are direct inputs into the quadrant clocks. For example, if GAA0 is used
for an input, GAA1 and GAA2 are no longer available for input to the quadrant globals. All inputs labeled
GC/GF are direct inputs into the chip-level globals, and the rest are connected to the quadrant globals.
The inputs to the global network are multiplexed, and only one input can be used as a global input.
Refer to the "I/O Structures in IGLOO and ProASIC3 Devices" chapter (for A3P250 and A3P1000) or "I/O
Structures in IGLOOe and ProASIC3E Devices" (for A3PE600L and A3PE3000L) of the Military
ProASIC3/EL FPGA Fabric User’s Guide for an explanation of the naming of global pins.
FF
Flash*Freeze Mode Activation Pin
Flash*Freeze is available on A3PE600L and A3PE3000L devices. The FF pin is a dedicated input pin
used to enter and exit Flash*Freeze mode. The FF pin is active low, has the same characteristics as a
single-ended I/O, and must meet the maximum rise and fall times. When Flash*Freeze mode is not used
in the design, the FF pin is available as a regular I/O. The FF pin can be configured as a Schmitt trigger
input.
When Flash*Freeze mode is used, the FF pin must not be left floating to avoid accidentally entering
Flash*Freeze mode. While in Flash*Freeze mode, the Flash*Freeze pin should be constantly asserted.
The Flash*Freeze pin can be used with any single-ended I/O standard supported by the I/O bank in
which the pin is located, and input signal levels compatible with the I/O standard selected. The FF pin
should be treated as a sensitive asynchronous signal. When defining pin placement and board layout,
simultaneously switching outputs (SSOs) and their effects on sensitive asynchronous pins must be
considered.
Unused FF or I/O pins are tristated with weak pull-up. This default configuration applies to both
Flash*Freeze mode and normal operation mode. No user intervention is required.
Table 3-1 shows the Flash*Freeze pin location on the available packages for Military ProASIC3/EL
devices. The Flash*Freeze pin location is independent of device, allowing migration to larger or smaller
devices while maintaining the same pin location on the board. Refer to the "Flash*Freeze Technology
and Low Power Modes" chapter of the Military ProASIC3/EL FPGA Fabric User’s Guide for more
information on I/O states during Flash*Freeze mode.
Table 3-1 • Flash*Freeze Pin Location in Military ProASIC3/EL Packages (device-independent)
Military ProASIC3/EL Packages
Flash*Freeze Pin
FG484
W6
FG896
AH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com