Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3703CBPD100 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPD100
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 97Page - Texas Instruments AM3703CBPD100 Datasheet HTML 98Page - Texas Instruments AM3703CBPD100 Datasheet HTML 99Page - Texas Instruments AM3703CBPD100 Datasheet HTML 100Page - Texas Instruments AM3703CBPD100 Datasheet HTML 101Page - Texas Instruments AM3703CBPD100 Datasheet HTML 102Page - Texas Instruments AM3703CBPD100 Datasheet HTML 103Page - Texas Instruments AM3703CBPD100 Datasheet HTML 104Page - Texas Instruments AM3703CBPD100 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-14. Serial Communication Interfaces
– McBSP LP Signals Description (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
mcbsp1_dr
Received serial data
I
U21
T20
Y18
mcbsp1_clkr
Receive Clock
IO
Y8 / Y21
U19 / H3
V7 / W19
mcbsp1_fsr
Receive frame synchronization
IO
AA21
V17
AB20
mcbsp1_dx
Transmitted serial data
O
V21
U17
W18
mcbsp1_clkx
Transmit clock
IO
W21
T17
V18
mcbsp1_fsx
Transmit frame synchronization
IO
K26
P20
AA19
mcbsp_clks
External clock input (shared by McBSP1, 2,
I
T21
T19
AA18
3, 4, and 5)
MULTICHANNEL SERIAL (McBSP LP 2)
mcbsp2_dr
Received serial data
I
R21
T18
V19
mcbsp2_dx
Transmitted serial data
O
M21
R19
R20
mcbsp2_clkx
Combined serial clock
IO
N21
R18
T21
mcbsp2_fsx
Combined frame synchronization
IO
P21
U18
V20
MULTICHANNEL SERIAL (McBSP LP 3)
mcbsp3_dr
Received serial data
I
AE6 / AB25 / U21
T20 / AA24 / N3
V5 / Y18
mcbsp3_dx
Transmitted serial data
O
AF6 / AB26 / V21
U17 / Y24 / P3
V6 / W18
mcbsp3_clkx
Combined serial clock
IO
AF5 / AA25 / W21
T17 / AD22 / U3
W4 / V18
mcbsp3_fsx
Combined frame synchronization
IO
AE5 / AD25 / K26
P20 / AD21 / W3
V4 / AA19
MULTICHANNEL SERIAL (McBSP LP 4)
mcbsp4_dr
Received serial data
I
R8 / AD1
C4 / U4
G5
mcbsp4_dx
Transmitted serial data
O
P8 / AD2
B5 / R3
F3
mcbsp4_clkx
Combined serial clock
IO
T8 / AE1
B4 / V3
F4
mcbsp4_fsx
Combined frame synchronization
IO
N8 / AC1
C5 / T3
G4
MULTICHANNEL SERIAL (McBSP LP 5)
mcbsp5_dr
Received serial data
I
AE11
Y3
AC5
mcbsp5_dx
Transmitted serial data
O
AF13
AE3
AC8
mcbsp5_clkx
Combined serial clock
IO
AF10
AB2
AC1
mcbsp5_fsx
Combined frame synchronization
IO
AH9
AB1
AD2
For more information, see Multichannel SPI / McSPI Environment section of the AM/DM37x Multimedia
Device Technical Reference Manual (literature number SPRUGN4).
Table 2-15. Serial Communication Interfaces
– McSPI Signals Description(1)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
MULTICHANNEL SERIAL PORT INTERFACE (McSPI1)
mcspi1_clk
SPI Clock
IO
AB3
P9
T5
mcspi1_simo
Slave data in, master data out
IO
AB4
P8
R4
mcspi1_somi
Slave data out, master data in
IO
AA4
P7
T4
mcspi1_cs0
SPI Enable 0, polarity configured by
IO
AC2
R7
T6
software
mcspi1_cs1
SPI Enable 1, polarity configured by
O
AC3
R8
NA
software
mcspi1_cs2
SPI Enable 2, polarity configured by
O
AB1
R9
NA
software
mcspi1_cs3
SPI Enable 3, polarity configured by
O
AB2
T8
R5
software
MULTICHANNEL SERIAL PORT INTERFACE (McSPI2)
mcspi2_clk
SPI Clock
IO
AA3
W7
N5
mcspi2_simo
Slave data in, master data out
IO
Y2
W8
N4
mcspi2_somi
Slave data out, master data in
IO
Y3
U8
N3
mcspi2_cs0
SPI Enable 0, polarity configured by
IO
Y4
V8
M5
software
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
101
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com