| Electronic Components Datasheet Search |
|
AM3703CUS Datasheet(PDF) 163 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS Datasheet(HTML) 163 Page - Texas Instruments |
|
163 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK(14) if ((OEOnTime – ClkActivationTime – 1) is a multiple of 3) – H = (2 + 0.5 * OEExtraDelay) * GPMC_FCLK(14) if ((OEOnTime – ClkActivationTime – 2) is a multiple of 3) For OE rising edge (OE deactivated): – Case GpmcFCLKDivider = 0: – H = 0.5 * OEExtraDelay * GPMC_FCLK(14) – Case GpmcFCLKDivider = 1: – H = 0.5 * OEExtraDelay * GPMC_FCLK(14) if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime are even) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK(14) otherwise – Case GpmcFCLKDivider = 2: – H = 0.5 * OEExtraDelay * GPMC_FCLK(14) if ((OEOffTime – ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK(14) if ((OEOffTime – ClkActivationTime – 1) is a multiple of 3) – H = (2 + 0.5 * OEExtraDelay) * GPMC_FCLK(14) if ((OEOffTime – ClkActivationTime – 2) is a multiple of 3) (9) For WE falling edge (WE activated): – Case GpmcFCLKDivider = 0: – I = 0.5 * WEExtraDelay * GPMC_FCLK(14) – Case GpmcFCLKDivider = 1: – I = 0.5 * WEExtraDelay * GPMC_FCLK(14) if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are even) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) otherwise – Case GpmcFCLKDivider = 2: – I = 0.5 * WEExtraDelay * GPMC_FCLK(14) if ((WEOnTime – ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) if ((WEOnTime – ClkActivationTime – 1) is a multiple of 3) – I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) if ((WEOnTime – ClkActivationTime – 2) is a multiple of 3) For WE rising edge (WE deactivated): – Case GpmcFCLKDivider = 0: – I = 0.5 * WEExtraDelay * GPMC_FCLK (14) – Case GpmcFCLKDivider = 1: – I = 0.5 * WEExtraDelay * GPMC_FCLK(14) if (ClkActivationTime and WEOffTime are odd) or (ClkActivationTime and WEOffTime are even) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) otherwise – Case GpmcFCLKDivider = 2: – I = 0.5 * WEExtraDelay * GPMC_FCLK(14) if ((WEOffTime – ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) if ((WEOffTime – ClkActivationTime – 1) is a multiple of 3) – I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK(14) if ((WEOffTime – ClkActivationTime – 2) is a multiple of 3) (10) J = GPMC_FCLK(14) (11) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. (12) P = gpmc_clk period in ns (13) For read: K = (ADVRdOffTime – ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14) For write: K = (ADVWrOffTime – ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14) (14) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns. (15) Related to the gpmc_clk output clock maximum and minimum frequencies programmable in the GPMC module by setting the GPMC_CONFIG1_CSx configuration register bit field GpmcFCLKDivider. (16) The jitter probability density can be approximated by a Gaussian function. (17) M = (RdCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14) Above M parameter expression is given as one example of GPMC programming. IO DIR signal will go from IN to OUT after both RdCycleTime and BusTurnAround completion. Behavior of IO direction signal does depend on kind of successive Read/Write accesses performed to Memory and multiplexed or nonmultiplexed memory addressing scheme, bus keeping feature enabled or not. IO DIR behaviour is automatically handled by GPMC controller. For a full description of the gpmc_io_dir feature, see the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (18) See Section 4.3.4, Processor Clocks. Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 163 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |