| Electronic Components Datasheet Search |
|
AM3703CUS Datasheet(PDF) 209 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS Datasheet(HTML) 209 Page - Texas Instruments |
|
209 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 6.5.2.2.2 DSS —Parallel Interface—RFBI Mode—Pico DLP The Remote Frame Buffer Interface (RFBI) module can provide also the necessary control signals and data to interface to the Pico DLP driver of the Pico DLP panel. Table 6-42 assumes testing over the recommended operating conditions and electrical characteristic conditions below (see Figure 6-35). Table 6-42. DSS Timing Conditions —RFBI Mode—Pico DLP TIMING CONDITION PARAMETER VALUE UNIT MIN MAX Output Condition CLOAD Output load capacitance(1) 5 pF (1) Buffer strength configuration: LB0 = 0 To use Pico DLP application, RFBI register must be configured as shown in Table 6-43: Table 6-43. DSS Register Configuration —RFBI Mode—Pico DLP DESCRIPTION REGISTER AND BIT FIELD(1) BIT VALUES Selection parallel mode RFBI_CONFIGi and [1:0] 0b11: 16-bit parallel output interface ParallelMode selected Time Granularity (multiplies signal timing RFBI_CONFIGi [4] 0b0: x2 latency disable latencies by 2). andTimeGranularity CS signal assertion time from Start Access RFBI_ONOFF_TIMEi and [3:0] 0b0000 Time CSOnTime CS signal de-assertion time from Start Access RFBI_ONOFF_TIMEi and [9:4] 0b000100: 4 cycles Time CSOffTime WE signal assertion time from Start Access RFBI_ONOFF_TIMEi and [13:10] 0b0000 Time WEOnTime WE signal de-assertion time from Start Access RFBI_ONOFF_TIMEi and [19:14] 0b000010: 2 cycles Time WEOffTime RE signal assertion time from Start Access RFBI_ONOFF_TIMEi and [23:20] 0b0000 Time REOnTime RE signal de-assertion time from Start Access RFBI_ONOFF_TIMEi and [29:24] 0b000000 Time REOffTime Write cycle time RFBI_CYCLE_TIMEi and [5:0] 0b000100: 4 cycles WECycleTime Read cycle time RFBI_CYCLE_TIMEi and [11:6] 0b000000 ReCycleTime CS pulse width RFBI_CYCLE_TIMEi and [17:12] 0b000000 CSPulseWidth Read to Write CS pulse width enable RFBI_CYCLE_TIMEi and [18] 0b0 RWEnable Read to Read CS pulse width enable RFBI_CYCLE_TIMEi and [19] 0b0 RREnable Write to Write CS pulse width enable RFBI_CYCLE_TIMEi and [20] 0b0 WWEnable Write to Read CS pulse width enable RFBI_CYCLE_TIMEi and [21] 0b0 WREnable From Start Access Time to CLK rising edge RFBI_CYCLE_TIMEi and [27:22] 0b000000 used for the first data capture AccessTime (1) i is equal to 0 or 1. For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 209 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |