Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32GA002 Datasheet(PDF) 211 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 211 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 207Page - Microchip Technology 32GA002 Datasheet HTML 208Page - Microchip Technology 32GA002 Datasheet HTML 209Page - Microchip Technology 32GA002 Datasheet HTML 210Page - Microchip Technology 32GA002 Datasheet HTML 211Page - Microchip Technology 32GA002 Datasheet HTML 212Page - Microchip Technology 32GA002 Datasheet HTML 213Page - Microchip Technology 32GA002 Datasheet HTML 214Page - Microchip Technology 32GA002 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 211
PIC24FJ64GA004 FAMILY
bit 2
I2C1SEL:
I2C1 Pin Select bit
1
= Use default SCL1/SDA1 pins
0
= Use alternate SCL1/SDA1 pins
bit 1-0
POSCMD1:POSCMD0:
Primary Oscillator Configuration bits
11
= Primary oscillator disabled
10
= HS Oscillator mode selected
01
= XT Oscillator mode selected
00
= EC Oscillator mode selected
Note 1:
These bits are implemented only in devices with a major silicon revision level of B or later (DEVREV regis-
ter value is 3042h or greater). Refer to Section 28.0 “Packaging Information” in the device data sheet
for the location and interpretation of product date codes.
REGISTER 24-2:
CW2: FLASH CONFIGURATION WORD 2 (CONTINUED)
REGISTER 24-3:
DEVID: DEVICE ID REGISTER
UU
UUUUU
U
—
—
—
—
—
—
—
—
bit 23
bit 16
UU
RRRRR
R
—
—
FAMID7
FAMID6
FAMID5
FAMID4
FAMID3
FAMID2
bit 15
bit 8
RR
RRRRR
R
FAMID1
FAMID0
DEV5
DEV4
DEV3
DEV2
DEV1
DEV0
bit 7
bit 0
Legend:
R = Read-only bit
U = Unimplemented bit
bit 23-14
Unimplemented:
Read as ‘1’
bit 13-6
FAMID7:FAMID0:
Device Family Identifier bits
00010001
= PIC24FJ64GA004 family
bit 5-0
DEV5:DEV0:
Individual Device Identifier bits
000100
= PIC24FJ16GA002
000101
= PIC24FJ32GA002
000110
= PIC24FJ48GA002
000111
= PIC24FJ64GA002
001100
= PIC24FJ16GA004
001101
= PIC24FJ32GA004
001110
= PIC24FJ48GA004
001111
= PIC24FJ64GA004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com