Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32GA002 Datasheet(PDF) 230 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 230 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 226Page - Microchip Technology 32GA002 Datasheet HTML 227Page - Microchip Technology 32GA002 Datasheet HTML 228Page - Microchip Technology 32GA002 Datasheet HTML 229Page - Microchip Technology 32GA002 Datasheet HTML 230Page - Microchip Technology 32GA002 Datasheet HTML 231Page - Microchip Technology 32GA002 Datasheet HTML 232Page - Microchip Technology 32GA002 Datasheet HTML 233Page - Microchip Technology 32GA002 Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 230
 2010 Microchip Technology Inc.
27.1
DC Characteristics
FIGURE 27-1:
PIC24FJ64GA004 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
FIGURE 27-2:
PIC24FJ64GA004 FAMILY VOLTAGE-FREQUENCY GRAPH
(EXTENDED TEMPERATURE)
Frequency
3.00V
2.00V
32 MHz
2.75V
2.50V
2.25V
2.75V
16 MHz
2.35V
For frequencies between 16 MHz and 32 MHz, FMAX = (45.7 MHz/V) * (VDDCORE – 2V) + 16 MHz.
Note 1:
WHEN the voltage regulator is disabled, VDD and VDDCORE must be maintained so that
VDDCORE
VDD3.6V.
PIC24FJ64GA004/32GA004/64GA002/32GA002
Frequency
3.00V
2.00V
24 MHz
2.75V
2.50V
2.25V
2.75V
2.35V
For frequencies between 16 MHz and 24 MHz, FMAX = (22.9 MHz/V) * (VDDCORE – 2V) + 16 MHz.
Note 1:
WHEN the voltage regulator is disabled, VDD and VDDCORE must be maintained so that
VDDCORE
VDD3.6V.
PIC24FJ64GA004/32GA004/64GA002/32GA002
16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com