Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48GA004 Datasheet(PDF) 237 Page - Microchip Technology

Part # 48GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA004 Datasheet(HTML) 237 Page - Microchip Technology

Back Button 48GA004 Datasheet HTML 233Page - Microchip Technology 48GA004 Datasheet HTML 234Page - Microchip Technology 48GA004 Datasheet HTML 235Page - Microchip Technology 48GA004 Datasheet HTML 236Page - Microchip Technology 48GA004 Datasheet HTML 237Page - Microchip Technology 48GA004 Datasheet HTML 238Page - Microchip Technology 48GA004 Datasheet HTML 239Page - Microchip Technology 48GA004 Datasheet HTML 240Page - Microchip Technology 48GA004 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 237
PIC24FJ64GA004 FAMILY
DC62
8
16
A
-40°C
2.0V(3)
RTCC + Timer1 w/32 kHz Crystal:
RTCC ITI32(5)
DC62a
12
16
A
+25°C
DC62m
12
16
A
+60°C
DC62b
12
16
A
+85°C
DC62j
18
23
A
+125°C
DC62c
9
16
A
-40°C
2.5V(3)
DC62d
12
16
A
+25°C
DC62n
12
16
A
+60°C
DC62e
12.5
16
A
+85°C
DC62k
20
25
A
+125°C
DC62f
10.3
18
A
-40°C
3.3V(4)
DC62g
13.4
18
A
+25°C
DC62o
14.0
18
A
+60°C
DC62h
14.2
18
A
+85°C
DC62l
23
28
A
+125°C
DC63
2
—
A-40°C
2.0V(3)
RTCC + Timer1 w/Low-Power
32 kHz Crystal (SOCSEL<1:0> =
01
):
RTCC ITI32(5)
DC63a
2
—
A+25°C
DC63b
6
—
A+85°C
DC63c
2
—
A-40°C
2.5V(3)
DC63d
2
—
A+25°C
DC63e
7
—
A+85°C
DC63f
2
—
A-40°C
3.3V(4)
DC63g
3
—
A+25°C
DC63h
7
—
A+85°C
TABLE 27-6:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD): PMD Bits are Set, VREGS Bit is ‘0’(2)
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and pulled
high. WDT, etc., are all switched off.
3:
On-chip voltage regulator disabled (DISVREG tied to VDD).
4:
On-chip voltage regulator enabled (DISVREG tied to VSS). Low-Voltage Detect (LVD) and Brown-out Detect
(BOD) are enabled.
5:
The
 current is the additional current consumed when the module is enabled. This current should be added to
the base IPD current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com