| Electronic Components Datasheet Search |
|
DSPIC30F6014 Datasheet(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F6014 Datasheet(HTML) 110 Page - Microchip Technology |
|
110 / 228 page ![]() dsPIC30F6011/6012/6013/6014 DS70117F-page 108 © 2006 Microchip Technology Inc. 16.9 Auto Baud Support To allow the system to determine baud rates of received characters, the input can be optionally linked to a capture input (IC1 for UART1, IC2 for UART2). To enable this mode, the user must program the input cap- ture module to detect the falling and rising edges of the Start bit. 16.10 UART Operation During CPU Sleep and Idle Modes 16.10.1 UART OPERATION DURING CPU SLEEP MODE When the device enters Sleep mode, all clock sources to the module are shutdown and stay at logic ‘0’. If entry into Sleep mode occurs while a transmission is in progress, then the transmission is aborted. The UxTX pin is driven to logic ‘1’. Similarly, if entry into Sleep mode occurs while a reception is in progress, then the reception is aborted. The UxSTA, UxMODE, transmit and receive registers and buffers, and the UxBRG register are not affected by Sleep mode. If the WAKE bit (UxMODE<7>) is set before the device enters Sleep mode, then a falling edge on the UxRX pin will generate a receive interrupt. The Receive Interrupt Select mode bit (URXISEL) has no effect for this func- tion. If the receive interrupt is enabled, then this will wake-up the device from Sleep. The UARTEN bit must be set in order to generate a wake-up interrupt. 16.10.2 UART OPERATION DURING CPU IDLE MODE For the UART, the USIDL bit selects if the module will stop operation when the device enters Idle mode or whether the module will continue on Idle. If USIDL = 0, the module will continue operation during Idle mode. If USIDL = 1, the module will stop on Idle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |