Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F6014 Datasheet(PDF) 120 Page - Microchip Technology

Part # DSPIC30F6014
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Datasheet(HTML) 120 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 116Page - Microchip Technology DSPIC30F6014 Datasheet HTML 117Page - Microchip Technology DSPIC30F6014 Datasheet HTML 118Page - Microchip Technology DSPIC30F6014 Datasheet HTML 119Page - Microchip Technology DSPIC30F6014 Datasheet HTML 120Page - Microchip Technology DSPIC30F6014 Datasheet HTML 121Page - Microchip Technology DSPIC30F6014 Datasheet HTML 122Page - Microchip Technology DSPIC30F6014 Datasheet HTML 123Page - Microchip Technology DSPIC30F6014 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 228 page
background image
TABLE 17-1:
CAN1 REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
C1RXF0SID
0300
—
—
—
Receive Acceptance Filter 0 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF0EIDH
0302
—
—
—
—
Receive Acceptance Filter 0 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF0EIDL
0304
Receive Acceptance Filter 0 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXF1SID
0308
—
—
—
Receive Acceptance Filter 1 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF1EIDH
030A
—
—
—
—
Receive Acceptance Filter 1 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF1EIDL
030C
Receive Acceptance Filter 1 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXF2SID
0310
—
—
—
Receive Acceptance Filter 2 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF2EIDH
0312
—
—
—
—
Receive Acceptance Filter 2 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF2EIDL
0314
Receive Acceptance Filter 2 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXF3SID
0318
—
—
—
Receive Acceptance Filter 3 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF3EIDH
031A
—
—
—
—
Receive Acceptance Filter 3 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF3EIDL
031C
Receive Acceptance Filter 3 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXF4SID
0320
—
—
—
Receive Acceptance Filter 4 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF4EIDH
0322
—
—
—
—
Receive Acceptance Filter 4 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF4EIDL
0324
Receive Acceptance Filter 4 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXF5SID
0328
—
—
—
Receive Acceptance Filter 5 Standard Identifier <10:0>
—
EXIDE
000u uuuu uuuu uu0u
C1RXF5EIDH
032A
—
—
—
—
Receive Acceptance Filter 5 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXF5EIDL
032C
Receive Acceptance Filter 5 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXM0SID
0330
—
—
—
Receive Acceptance Mask 0 Standard Identifier <10:0>
—MIDE
000u uuuu uuuu uu0u
C1RXM0EIDH 0332
—
—
—
—
Receive Acceptance Mask 0 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXM0EIDL
0334
Receive Acceptance Mask 0 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1RXM1SID
0338
—
—
—
Receive Acceptance Mask 1 Standard Identifier <10:0>
—MIDE
000u uuuu uuuu uu0u
C1RXM1EIDH 033A
—
—
—
—
Receive Acceptance Mask 1 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C1RXM1EIDL 033C
Receive Acceptance Mask 1 Extended Identifier <5:0>
—
—
—
—
—
—
—
—
—
—
uuuu uu00 0000 0000
C1TX2SID
0340
Transmit Buffer 2 Standard Identifier <10:6>
—
—
—
Transmit Buffer 2 Standard Identifier <5:0>
SRR
TXIDE
uuuu u000 uuuu uuuu
C1TX2EID
0342
Transmit Buffer 2 Extended Identifier
<17:14>
—
—
—
—
Transmit Buffer 2 Extended Identifier <13:6>
uuuu 0000 uuuu uuuu
C1TX2DLC
0344
Transmit Buffer 2 Extended Identifier <5:0>
TXRTR
TXRB1
TXRB0
DLC<3:0>
—
—
—
uuuu uuuu uuuu u000
C1TX2B1
0346
Transmit Buffer 2 Byte 1
Transmit Buffer 2 Byte 0
uuuu uuuu uuuu uuuu
C1TX2B2
0348
Transmit Buffer 2 Byte 3
Transmit Buffer 2 Byte 2
uuuu uuuu uuuu uuuu
C1TX2B3
034A
Transmit Buffer 2 Byte 5
Transmit Buffer 2 Byte 4
uuuu uuuu uuuu uuuu
C1TX2B4
034C
Transmit Buffer 2 Byte 7
Transmit Buffer 2 Byte 6
uuuu uuuu uuuu uuuu
C1TX2CON
034E
—
—
—
—
—
—
—
—
—
TXABT TXLARB TXERR
TXREQ
—
TXPRI<1:0>
0000 0000 0000 0000
C1TX1SID
0350
Transmit Buffer 1 Standard Identifier <10:6>
—
—
—
Transmit Buffer 1 Standard Identifier <5:0>
SRR
TXIDE
uuuu u000 uuuu uuuu
Legend: u = uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com