Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F6014 Datasheet(PDF) 177 Page - Microchip Technology

Part # DSPIC30F6014
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6014 Datasheet(HTML) 177 Page - Microchip Technology

Back Button DSPIC30F6014 Datasheet HTML 173Page - Microchip Technology DSPIC30F6014 Datasheet HTML 174Page - Microchip Technology DSPIC30F6014 Datasheet HTML 175Page - Microchip Technology DSPIC30F6014 Datasheet HTML 176Page - Microchip Technology DSPIC30F6014 Datasheet HTML 177Page - Microchip Technology DSPIC30F6014 Datasheet HTML 178Page - Microchip Technology DSPIC30F6014 Datasheet HTML 179Page - Microchip Technology DSPIC30F6014 Datasheet HTML 180Page - Microchip Technology DSPIC30F6014 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 228 page
background image
© 2006 Microchip Technology Inc.
DS70117F-page 175
dsPIC30F6011/6012/6013/6014
TABLE 23-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC31a
6.8
10
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
6.3
10
mA
85°C
DC31c
6.1
10
mA
125°C
DC31e
16
22
mA
25°C
5V
DC31f
15
22
mA
85°C
DC31g
15
22
mA
125°C
DC30a
13
19
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
13
19
mA
85°C
DC30c
13
19
mA
125°C
DC30e
27
39
mA
25°C
5V
DC30f
26
39
mA
85°C
DC30g
25
39
mA
125°C
DC23a
27
41
mA
25°C
3.3V
4 MIPS
DC23b
27
41
mA
85°C
DC23c
27
41
mA
125°C
DC23e
41
60
mA
25°C
5V
DC23f
40
60
mA
85°C
DC23g
40
60
mA
125°C
DC24a
46
71
mA
25°C
3.3V
10 MIPS
DC24b
46
71
mA
85°C
DC24c
47
71
mA
125°C
DC24e
79
120
mA
25°C
5V
DC24f
78
120
mA
85°C
DC24g
78
120
mA
125°C
DC27a
83
120
mA
25°C
3.3V
20 MIPS
DC27b
83
120
mA
85°C
DC27d
138
190
mA
25°C
5V
DC27e
137
190
mA
85°C
DC27f
136
190
mA
125°C
DC29a
194
255
mA
25°C
5V
30 MIPS
DC29b
192
255
mA
85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com