| Electronic Components Datasheet Search |
|
DSPIC33FJ06GS201TI/SP Datasheet(PDF) 335 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP Datasheet(HTML) 335 Page - Microchip Technology |
|
335 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 333 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Revision C and D (March 2009) This revision includes minor typographical and formatting changes throughout the data sheet text. Global changes include: • Changed all instances of OSCI to OSC1 and OSCO to OSC2 • Changed all instances of PGCx/EMUCx and PGDx/EMUDx (where x = 1, 2, or 3) to PGECx and PGEDx • Changed all instances of VDDCORE and VDDCORE/ VCAP to VCAP/VDDCORE Other major changes are referenced by their respective section in the following table. TABLE A-2: MAJOR SECTION UPDATES Section Name Update Description “High-Performance, 16-Bit Digital Signal Controllers” Added “Application Examples” to list of features Updated all pin diagrams to denote the pin voltage tolerance (see “Pin Diagrams” ). Added Note 2 to the 28-Pin QFN-S and 44-Pin QFN pin diagrams, which references pin connections to VSS. Section 1.0 “Device Overview” Added ACMP1-ACMP4 pin names and Peripheral Pin Select capability column to Pinout I/O Descriptions (see Table 1-1). Section 2.0 “Guidelines for Getting Started with 16-bit Digital Signal Controllers” Added new section to the data sheet that provides guidelines on getting started with 16-bit Digital Signal Controllers. Section 3.0 “CPU” Updated CPU Core Block Diagram with a connection from the DSP Engine to the Y Data Bus (see Figure 3-1). Vertically extended the X and Y Data Bus lines in the DSP Engine Block Diagram (see Figure 3-3). Section 4.0 “Memory Organization” Updated Reset value for ADCON in Table 4-25. Removed reference to dsPIC33FJ06GS102 devices in the PMD Register Map and updated bit definitions for PMD1 and PMD6, and removed PMD7 (see Table 4-43). Added a new PMD Register Map, which references dsPIC33FJ06GS102 devices (see Table 4-44). Updated RAM stack address and SPLIM values in the third paragraph of Section 4.2.6 “Software Stack” Removed Section 4.2.7 “Data Ram Protection Feature”. Section 5.0 “Flash Program Memory” Updated Section 5.3 “Programming Operations” with programming time formula. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |