Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 317 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 317 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 313Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 314Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 315Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 318Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 319Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 320Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 315
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
TABLE 24-41: DAC OUTPUT BUFFER DC SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
RLOAD
Resistive Output Load
Impedance
3K
—
—
Ω
CLOAD
Output Load Capacitance
—
20
35
pF
IOUT
Output Current Drive
Strength
200
300
400
μA Sink and source
VRANGE Full Output Drive Strength
Voltage Range
AVSS + 250
mV
—AVDD – 900
mV
V
VLRANGE Output Drive Voltage
Range at Reduced
Current Drive of 50
μA
AVSS + 50 mV
—
AVDD – 500
mV
V
IDD
Current Consumed when
Module is Enabled,
High-Power Mode
——
1.3 x IOUT
μA Module will always
consume this current
even if no load is
connected to the
output
RIN
Input Impedance
109
——
Ω
ROUTON Output Impedance when
Module is Enabled
——
10
Ω
Closed loop output
resistance
ROUT-
OFF
Output Impedance when
Module is Disabled
107
——
Ω
buf_enable
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com