Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 266 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 266 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 262Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 263Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 264Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 265Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 266Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 267Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 268Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 269Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 264
Preliminary
© 2009 Microchip Technology Inc.
TABLE 21-2:
dsPIC33F CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BWRP
FBS
Boot Segment Program Flash Write Protection bit
1
= Boot segment can be written
0
= Boot segment is write-protected
BSS<2:0>
FBS
Boot Segment Program Flash Code Protection Size bits
X11
= No boot program Flash segment
Boot space is 256 instruction words (except interrupt vectors)
110
= Standard security; boot program Flash segment ends at
0x0003FE
010
= High security; boot program Flash segment ends at 0x0003FE
Boot space is 768 instruction words (except interrupt vectors)
101
= Standard security; boot program Flash segment ends at
0x0007FE
001
= High security; boot program Flash segment ends at 0x0007FE
Boot space is 1792 instruction words (except interrupt vectors)
100
= Standard security; boot program Flash segment ends at
0x000FFE
000
= High security; boot program Flash segment ends at 0x000FFE
GSS<1:0>
FGS
General Segment Code-Protect bits
11
= User program memory is not code-protected
10
= Standard security
0x
= High security
GWRP
FGS
General Segment Write-Protect bit
1
= User program memory is not write-protected
0
= User program memory is write-protected
IESO
FOSCSEL
Two-speed Oscillator Start-up Enable bit
1
= Start-up device with FRC, then automatically switch to the
user-selected oscillator source when ready
0
= Start-up device with user-selected oscillator source
FNOSC<2:0>
FOSCSEL
Initial Oscillator Source Selection bits
111
= Internal Fast RC (FRC) oscillator with postscaler
110
= Internal Fast RC (FRC) oscillator with divide-by-16
101
= LPRC oscillator
100
= Secondary (LP) oscillator
011
= Primary (XT, HS, EC) oscillator with PLL
010
= Primary (XT, HS, EC) oscillator
001
= Internal Fast RC (FRC) oscillator with PLL
000
= FRC oscillator
FCKSM<1:0>
FOSC
Clock Switching Mode bits
1x
= Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
IOL1WAY
FOSC
Peripheral Pin Select Configuration bit
1
= Allow only one reconfiguration
0
= Allow multiple reconfigurations
OSCIOFNC
FOSC
OSC2 Pin Function bit (except in XT and HS modes)
1
= OSC2 is clock output
0
= OSC2 is general purpose digital I/O pin
POSCMD<1:0>
FOSC
Primary Oscillator Mode Select bits
11
= Primary oscillator disabled
10
= HS Crystal Oscillator mode
01
= XT Crystal Oscillator mode
00
= EC (External Clock) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com