| Electronic Components Datasheet Search |
|
DM3725CBC Datasheet(PDF) 219 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC Datasheet(HTML) 219 Page - Texas Instruments |
|
219 / 280 page ![]() SWPS038-066 mcbspx_clkr mcbspx_fsr mcbspx_dr D7 D6 D5 B2 B2 B3 B4 SWPS038-067 mcbspx_clkr mcbspx_fsr mcbspx_dr D7 D6 D5 B3 B4 B5 B6 DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 (1) In mcbspx, x identifies the McBSP number: 3, 4, or 5. Note that for the McBSP3, these timings concern only Set #1: multiplexing mode by default. The McBSP3 is also multiplexed on UART pins (Set #2) and on McBSP1 pins (Set #3): the corresponding timings are specified in Table 6-59 and Table 6-60. For the McBSP4, these timings concern only Set #2 (multiplexing mode on GPMC pins). (2) See Section 4.3.4, Processor Clocks. Table 6-64. McBSP3 (Set #1), 4 (Set #2), and 5 Switching Characteristics —Falling Edge and Receive Mode(1) (2) NO. PARAMETER OPP100 OPP50 UNIT MIN MAX MIN MAX B2 td(CLKXAE-FSXV) Delay time, mcbspx_clkx active edge to mcbspx_fsx 0.7 22.19 0.7 44.37 ns valid (1) In mcbspx, x identifies the McBSP number: 3, 4, or 5. Note that for the McBSP3, these timings concern only Set #1: multiplexing mode by default. The McBSP3 is also multiplexed on UART pins (Set #2) and on McBSP1 pins (Set #3): the corresponding timings are specified in Table 6-59 and Table 6-60. (2) See Section 4.3.4, Processor Clocks. (1) In mcbspx, x identifies the McBSP number: 1, 2, 3, 4, or 5. Figure 6-40. McBSP Falling Edge Receive Timing in Master Mode (1) In mcbspx, x identifies the McBSP number: 1, 2, 3, 4, or 5. Figure 6-41. McBSP Falling Edge Receive Timing in Slave Mode 6.6.1.1.2.2 Timing with Falling Edge as Activation Edge —Transmit Mode Table 6-65. McBSP1, 2, and 3 (Sets #2 and #3) Timing Requirements —Falling Edge and Transmit Mode(1)(2) NO. PARAMETER OPP100 OPP50 UNIT MIN MAX MIN MAX B5 tsu(FSXV-CLKXAE) Setup time, mcbspx_fsx valid before mcbspx_clkx 3.67 7.94 ns active edge B6 th(CLKXAE-FSXV) Hold time, mcbspx_fsx valid after mcbspx_clkx active 0.5 0.5 ns edge Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 219 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |