Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725CBC Datasheet(PDF) 266 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 266 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 262Page - Texas Instruments DM3725CBC Datasheet HTML 263Page - Texas Instruments DM3725CBC Datasheet HTML 264Page - Texas Instruments DM3725CBC Datasheet HTML 265Page - Texas Instruments DM3725CBC Datasheet HTML 266Page - Texas Instruments DM3725CBC Datasheet HTML 267Page - Texas Instruments DM3725CBC Datasheet HTML 268Page - Texas Instruments DM3725CBC Datasheet HTML 269Page - Texas Instruments DM3725CBC Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 280 page
background image
SWPS038-108
sdti_clk
sdti_txd[3:0]
Header
Header
Ad[7:4]
Ad[3:0]
Da[15:12]
Da[11:8]
Da[7:4]
Da[3:0]
SD1
SD2
SD3
SD3
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6.6.9.2.2 SDTI
—Single-Edge Mode
Table 6-141 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-81).
Table 6-140. SDTI Timing Conditions
—Single-Edge Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Output Condition
CLOAD
Output load capacitance(1)
25
pF
(1) Buffer strength configuration: LB0 = 1.
Table 6-141. SDTI Switching Characteristics
—Single-Edge Mode(2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SD1
1 / tc(clk)
Frequency, output clock sdti_clk
34.5
34.5
MHz
SD2
tw(clk)
Pulse duration, output clock sdti_clk high or low
0.5P(1)
–
0.5P(1) +
0.5P(1)
–
0.5P(1) +
ns
1.2
1.2
1.2
1.2
SD3
td(clk-txd)
Delay time, output clock sdti_clk
Multiplexing mode on
2.3
26.5
2.3
26.5
ns
transition to output data
etk pins
sdti_txd[3:0] transition
Multiplexing mode on
2.3
33.2
2.3
33.2
jtag_emu pins
(1) P = sdti_clk clock period in ns
(2) See Section 4.3.4, Processor Clocks.
Figure 6-81. SDTI
—Single-Edge Mode
6.6.9.3
JTAG Interface (JTAG)
The JTAG TAP controller handles standard IEEE JTAG interfaces. The following section defines the
timing requirements for several tools used to test the device as:
•
Free-running clock tool, like XDS560 and XDS510 tools
•
Adaptive clock tool, like RealView
® ICE tool and LauterbachTM tool
6.6.9.3.1 JTAG
—Free-Running Clock Mode
Table 6-143 and Table 6-144 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-82).
Table 6-142. JTAG Timing Conditions
—Free-Running Clock Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
5
ns
tF
Input signal fall time
5
ns
Output Condition
CLOAD
Output load capacitance
30
pF
266
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com