Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRJ552B11H102KA01D Datasheet(PDF) 112 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 112 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 108Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 109Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 110Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 111Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 112Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 113Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 114Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 115Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 116Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 221 page
background image
!Note 1. This Specifications and Test Methods is downloaded from the website of Murata Manufacturing co.,ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice.
0. Please check with our sales representatives or product engineers before ordering.
2. This Specifications and Test Methods has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product
0. specifications before ordering.
GQM Series Specifications and Test Methods
Continued from the preceding page.
Item
No.
Test Method
Specifications
More than 1,000M
Within
T3% or T0.3pF
(whichever is larger)
30pF and over: Q
U350
10pF and over, 30pF and below: Q
U275W5C/2
10pF and below: Q
U200W10C
C: Nominal Capacitance (pF)
Appearance
I.R.
Capacitance
Change
Q
No defects or abnormalities.
The measured and observed characteristics should satisfy the
specifications in the following table.
High
Temperature
Load
18
Apply 200%* of the rated voltage for 1000
T12 hours at the
maximum operating temperature
T3D.
Set for 24
T2 hours at room temperature, then measure.
The charge/discharge current is less than 50mA.
*GQM22: 150% of the rated voltage
More than 500M
Within
T7.5% or T0.75pF
(whichever is larger)
30pF and over: Q
U200
30pF and below: Q
U100W10C/3
C: Nominal Capacitance (pF)
Appearance
I.R.
Capacitance
Change
Q
No defects or abnormalities.
The measured and observed characteristics should satisfy the
specifications in the following table.
Humidity
Load
17
Apply the rated voltage at 40
T2D and 90 to 95% humidity for
500
T12 hours. Remove and let sit for 24T2 hours at room
temperature then measure. The charge/discharge current is
less than 50mA.
*1: Nominal values denote the temperature coefficient within a range of 25 to 125D.
5C
0
T30
0.25
0.40
0.58
Y0.11
Y0.17
Y0.24
Char.
Nominal Values
(ppm/
D) *1
Capacitance Change from 25
D (%)
Max.
Min.
Y30DY10D
Max.
Min.
Table A
Y55D
Max.
Min.
GQM Series Specifications and Test Methods
110
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com