Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q4X8E4 Datasheet(PDF) 5 Page - Littelfuse

Part # Q4X8E4
Description  RoHS Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4X8E4 Datasheet(HTML) 5 Page - Littelfuse

  Q4X8E4 Datasheet HTML 1Page - Littelfuse Q4X8E4 Datasheet HTML 2Page - Littelfuse Q4X8E4 Datasheet HTML 3Page - Littelfuse Q4X8E4 Datasheet HTML 4Page - Littelfuse Q4X8E4 Datasheet HTML 5Page - Littelfuse Q4X8E4 Datasheet HTML 6Page - Littelfuse Q4X8E4 Datasheet HTML 7Page - Littelfuse Q4X8E4 Datasheet HTML 8Page - Littelfuse Q4X8E4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage (VGT) with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E2.1 through Figure E2.7 for current rating at specific
operating temperature.
(5) See Figure E2.8 through Figure E2.10 for iT versus vT.
(6) See Figure E2.12 for VGT versus TC.
(7) See Figure E2.11 for IGT versus TC.
(8) See Figure E2.14 for IH versus TC.
(9) See Figure E2.13 for surge rating with specific durations.
(10) See Figure E2.15 for tgt versus IGT.
(11) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(12) Initial on-state current = 200 mA dc for 0.8 A to10 A devices,
400 mA dc for 15 A to 35 A devices
(13) See Figure E2.1 through Figure E2.6 for maximum allowable case
temperature at maximum rated current.
(14) Pulse width
≤10 µs; IGT ≤ IGTM
(15) RL = 60 Ω for 0.8 A to10 A triacs; RL = 30 Ω for 15 A to 35 A triacs
(16) TC = TJ for test conditions in off state
(17) IGT = 300 mA for 25 A and 35 A devices
(18) Quadrants I, II, III only
(19) Minimum non-trigger VGT at 125 °C is 0.2 V for all except 50 mA
MAX QIV devices which are 0.2 V at 110 °C.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
However, due to higher gate requirements for Quadrant IV, it
is recommended that only negative pulses be applied. If pos-
itive pulses are required, see “Sensitive Triacs” section of
this catalog or contact the factory. Also, see
Figure AN1002.8, “Amplified Gate” Thyristor Circuit.
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (5)
Volts
(2) (6) (15)
(18) (19)
Volts
(1) (8) (12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10) (17)
µSec
Amps2Sec Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
TYP
MIN
TYP
1.6
2.5
35
1.8
20
0.5
120/100
2
150
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
150
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
100
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
75
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
50
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
350
225
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
350
225
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
300
200
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
250
175
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
150
3
60
70
1.6
2.5
70
2
20
0.5
200/167
4
400
275
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
400
275
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
350
225
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
300
200
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
200
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
400
275
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
400
275
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
350
225
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
300
200
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
200
4
166
100
1.4
2.75
50
2
20
0.5
250/220
5
550
475
3
260
100
1.4
2.75
50
2
20
0.5
250/220
5
450
400
3
260
100
1.5
2.75
50
2
20
0.5
350/300
5
550
475
3
508
100
1.5
2.75
50
2
20
0.5
350/300
5
450
400
3
508
100


Similar Part No. - Q4X8E4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q4X8E4 LITTELFUSE-Q4X8E4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q4X8E4 NJSEMI-Q4X8E4 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q4X8E4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com