Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q4X8E4 Datasheet(PDF) 9 Page - Littelfuse

Part # Q4X8E4
Description  RoHS Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4X8E4 Datasheet(HTML) 9 Page - Littelfuse

Back Button Q4X8E4 Datasheet HTML 2Page - Littelfuse Q4X8E4 Datasheet HTML 3Page - Littelfuse Q4X8E4 Datasheet HTML 4Page - Littelfuse Q4X8E4 Datasheet HTML 5Page - Littelfuse Q4X8E4 Datasheet HTML 6Page - Littelfuse Q4X8E4 Datasheet HTML 7Page - Littelfuse Q4X8E4 Datasheet HTML 8Page - Littelfuse Q4X8E4 Datasheet HTML 9Page - Littelfuse Q4X8E4 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E2.13 Peak Surge Current versus Surge Current Duration
Figure E2.14 Normalized DC Holding Current versus Case Temperature
Figure E2.15 Turn-on Time versus Gate Trigger Current (Typical)
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [lT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES: 1) Gate control may be lost during and
immediately following surge current interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
25 A TO-220
15 A
10 A
8 A
4 A
1 A
6 A
1
10
20
30
40
50
60
80
100
120
300
400
1000
1
10
100
1000
Surge Current Duration – Full Cycles
200
0.8 A
25 A Fastpak
35 A Fastpak
-65
-40
-15
+25
+65
+125
1.0
2.0
3.0
4.0
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 200 mA DC 0.8 A - 10 A Devices
= 400 mA DC 15 A - 25 A Devices
0
0
25
50
75
100
125
150
175
200
225
250
275
300
1
2
3
4
5
6
7
8
DC Gate Trigger Current (l
GT) – mA
Devices with lGT = 10 mA
Devices with lGT = 25 mA
Devices with lGT = 50 mA
T
C = 25 ˚C


Similar Part No. - Q4X8E4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q4X8E4 LITTELFUSE-Q4X8E4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q4X8E4 NJSEMI-Q4X8E4 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q4X8E4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com