Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 245 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 245 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 241Page - Microchip Technology 18F8680 Datasheet HTML 242Page - Microchip Technology 18F8680 Datasheet HTML 243Page - Microchip Technology 18F8680 Datasheet HTML 244Page - Microchip Technology 18F8680 Datasheet HTML 245Page - Microchip Technology 18F8680 Datasheet HTML 246Page - Microchip Technology 18F8680 Datasheet HTML 247Page - Microchip Technology 18F8680 Datasheet HTML 248Page - Microchip Technology 18F8680 Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 243
PIC18F6585/8585/6680/8680
18.2.5
BREAK CHARACTER SEQUENCE
The enhanced USART module has the capability of
sending the special break character sequences that
are required by the LIN bus standard. The break char-
acter transmit consists of a Start bit, followed by twelve
‘0’ bits and a Stop bit. The frame break character is sent
whenever the SENDB and TXEN bits (TXSTA<3> and
TXSTA<5>) are set while the Transmit Shift register is
loaded with data. Note that the value of data written to
TXREG will be ignored and all ‘0’s will be transmitted.
The SENDB bit is automatically reset by hardware after
the corresponding Stop bit is sent. This allows the user
to preload the transmit FIFO with the next transmit byte
following the break character (typically, the sync
character in the LIN specification).
Note that the data value written to the TXREG for the
break character is ignored. The write simply serves the
purpose of initiating the proper sequence.
The TRMT bit indicates when the transmit operation is
active or Idle, just as it does during normal transmis-
sion. See Figure 18-9 for the timing of the break
character sequence.
18.2.5.1
Break and Sync Transmit Sequence
The following sequence will send a message frame
header made up of a break, followed by an auto-baud
sync byte. This sequence is typical of a LIN bus master.
1.
Configure the USART for the desired mode.
2.
Set the TXEN and SENDB bits to set up the
break character.
3.
Load the TXREG with a dummy character to
initiate transmission (the value is ignored).
4.
Write ‘55h’ to TXREG to load the sync character
into the transmit FIFO buffer.
5.
After the break has been sent, the SENDB bit is
reset by hardware. The sync character now
transmits in the preconfigured mode.
When the TXREG becomes empty, as indicated by the
TXIF, the next data byte can be written to TXREG.
18.2.6
RECEIVING A BREAK CHARACTER
The enhanced USART module can receive a break
character in two ways.
The first method forces the configuration of the baud
rate at a frequency of 9/13 the typical speed. This
allows for the Stop bit transition to be at the correct
sampling location (13 bits for break versus Start bit and
8 data bits for typical data).
The second method uses the auto-wake-up feature
described in Section 18.2.4 “Auto-Wake-up on Sync
Break Character”. By enabling this feature, the
USART will sample the next two transitions on RX/DT,
cause an RCIF interrupt, and receive the next data byte
followed by another interrupt.
Note that following a break character, the user will typ-
ically want to enable the auto-baud rate detect feature.
For both methods, the user can set the ABD bit once
the TXIF interrupt is observed.
FIGURE 18-9:
SEND BREAK CHARACTER SEQUENCE
Write to TXREG
BRG Output
(Shift Clock)
Start Bit
Bit 0
Bit 1
Bit 11
Stop Bit
Break
TXIF bit
(Transmit Buffer
Reg. Empty Flag)
TX (pin)
TRMT bit
(Transmit Shift
Reg. Empty Flag)
SENDB
(Transmit Shift
Reg. Empty Flag)
SENDB Sampled Here
Auto-Cleared
Dummy Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com